Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RES-UM Datasheet (PDF) - Ohmite Mfg. Co.

Part # RES-UM
Description  Special versions possible
File Size   382.77 Kbytes
Html View  1   2 
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-UM Datasheet (PDF) - Ohmite Mfg. Co.



Similar Part No. - RES-UM

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RES-1 COOPER-RES-1 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-1 COOPER-RES-1 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-1 COOPER-RES-1 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
logo
Eaton All Rights Reserv...
RES-1 EATON-RES-1 Datasheet
615Kb / 5P
REN (250V) and RES (600V) Renewable Class H size fuses
logo
Cooper Bussmann, Inc.
RES-10 COOPER-RES-10 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
More results


Similar Description - RES-UM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM7006D MICROSEMI-UM7006D Datasheet
322Kb / 7P
RoHS Compliant Versions Available
logo
Texas Instruments
TRF37A75 TI1-TRF37A75 Datasheet
1Mb / 20P
Gain Versions: 12 dB
logo
PETERMANN-TECHNIK
UM1 PETERMANN-UM1_15 Datasheet
453Kb / 4P
Tight frequency stabilities possible
logo
Ohmite Mfg. Co.
RES-WFH OHMITE-RES-WFH Datasheet
319Kb / 2P
Multiple resistors in one profile possible
logo
Shanghai Semitech Semic...
3KP5.0A SEMITECH-3KP5.0A Datasheet
270Kb / 5P
Uni-directional Versions Available
SA440CA SEMITECH-SA440CA Datasheet
244Kb / 6P
Uni-directional Versions Available
logo
American Electronic Com...
DG56A AEC-DG56A Datasheet
390Kb / 3P
PCB versions available
logo
Ohmite Mfg. Co.
METALOHM OHMITE-METALOHM Datasheet
278Kb / 2P
Noninductive versions
logo
STMicroelectronics
STEVAL-ILL071V1 STMICROELECTRONICS-STEVAL-ILL071V1 Datasheet
899Kb / 6P
Periodic self-tuning possible
25-Mar-2015
logo
TE Connectivity Ltd
EV200P TEC-EV200P Datasheet
227Kb / 2P
RoHS versions available
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com