Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RES-UM Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # RES-UM
Description  Special versions possible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

RES-UM Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  RES-UM Datasheet HTML 1Page - Ohmite Mfg. Co. RES-UM Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
7
Ultra-Mox Series
High Voltage, Thick Film
Series
L
B
R
UM025
0.98"/25.0 0.35"/9.0 0.90"/22.9
UM030
1.18"/30.0 0.24"/6.0 1.09"/27.7
UM040
1.57"/40.0 0.24"/6.0 1.49"/37.8
UM050
1.97"/50.0 0.49"/12.5 1.88"/47.8
Di M en S ion S
(in. / mm ±0.5)
or D erin G in F or M ation
0.79"
20mm -2/+0
0.024"
0.60mm ±.05
0.06"
1.6mm
L
B
R
UM050T1004JE
Ultra-mox
High voltage
radial lead
Style
Tolerance
D =0.50%
F = 1%
G = 2%
J = 5%
K = 10%
M= 20%
P = 30%
Ohms
1004 = 1MΩ
1006 = 100M
1009 = 100G
100A = 1T
100B = 10T
RoHS Compliant
TCR
(ppm)
W= 25
V = 50
T = 100
Z = 250
E = 500
N = 1000
U = 2000
Lead spacing may be changed by bending
Other wire diameters and thicknesses available
Axial versions, versions with formed leads and versions
with lead frames are available
Standard Part Numbers
UM030T1006FE
UM030Z1007FE
UM030Z1008JE
UM030Z1009JE
UM030E100AJE
UM040T1006FE
UM040Z1007FE
UM040Z1008JE
UM040Z1009JE
UM040E100AJE
UM050V1006FE
UM050V1007FE
UM050T1008JE
UM050T1009JE
UM050Z100AJE
UM050E100BKE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com