Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV3550 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 50Page - STMicroelectronics STV3550 Datasheet HTML 51Page - STMicroelectronics STV3550 Datasheet HTML 52Page - STMicroelectronics STV3550 Datasheet HTML 53Page - STMicroelectronics STV3550 Datasheet HTML 54Page - STMicroelectronics STV3550 Datasheet HTML 55Page - STMicroelectronics STV3550 Datasheet HTML 56Page - STMicroelectronics STV3550 Datasheet HTML 57Page - STMicroelectronics STV3550 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 144 page
background image
54/144
STV3550
The Picture Compositor is a real-time multilayer (or multiplane) digital mixer. It can compose a
single output stream from up to four sources:
●
Background color plane (programmable register)
●
Video plane (D1 input, once captured into the local memory)
●
Cursor plane
●
On-Screen Display (OSD) and Graphics (GFX) plane
4.4.1
Background Color Plane
The background color is stored in a 24-bit RGB register that acts as a full-screen plane filled with a
solid color. This plane is always opaque with no alpha value associated. It will be seen on each
screen location, according to the resulting transparency of all the foreground planes.
This plane, associated with the video plane and its mixing factor, can perform a contrast function
used to adjust the contrast of the video plane, independently of the OSD plane.
4.4.2
Video Plane
The Video Display Pipeline provides a video stream that can be resized and pre-processed on the
video input port. The video plane has the following characteristics:
●
YCbCr 4:4:4 format with 10-components,
●
SD format compatible,
●
Single Viewport mechanism with a global alpha value,
●
Color Space Conversion matrix (YCbCr 601 to RGB).
4.4.3
Cursor Plane
The curser plane is defined as a 128 x 128 pixel area stored in an external memory chip. Each
cursor entry is an ARGB4444 pixel. The alpha factor of 4-bits is for antialiasing the cursor pattern on
top of the composited output picture.
List of features :
●
ACLUT8 format with ARGB4444 CLUT entries,
●
Size is programmable up to 128 x 128.
●
Hardware rectangular clipping window, out of which the cursor is never displayed (per-pixel
clipping, so only part of the cursor can be out of this window, and consequently transparent).
●
Current bitmap is specified using a pointer register to an external memory location, making
cursor animation very easy.
●
Programmable pitch, so that all cursor patterns can be stored in a single global bitmap.
4.4.4
Graphics Plane
List of features :
●
On-Screen Display and Graphics data arrives in ARGB 8:10:10:10 format,
●
Gain and offset adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com