Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV3550 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STV3550
Description  LCD and Matrix Display TV Processor
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV3550 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STV3550 Datasheet HTML 75Page - STMicroelectronics STV3550 Datasheet HTML 76Page - STMicroelectronics STV3550 Datasheet HTML 77Page - STMicroelectronics STV3550 Datasheet HTML 78Page - STMicroelectronics STV3550 Datasheet HTML 79Page - STMicroelectronics STV3550 Datasheet HTML 80Page - STMicroelectronics STV3550 Datasheet HTML 81Page - STMicroelectronics STV3550 Datasheet HTML 82Page - STMicroelectronics STV3550 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 144 page
background image
CPU and System Management Functional Description
STV3550
79/144
When the board is dedicated to low-cost solutions, only one SDRAM (SDRAM 2) is soldered and
the STV3550 Memory Interface is configured by software to only use one SDRAM.
When the board is dedicated to high-end solutions, both SDRAMs are soldered and the STV3550
Memory Interface is configured by software to use both SDRAMs.
Byte Enable signals are provided as described in previous sections, depending on the memory
configuration.
Note:
It is recommended to maintain coherency between hardware and software configurations. It is
especially recommended NOT to use a board equipped with two SDRAMs while the STV3550
Memory Interface is configured in a low-cost configuration as this may create bus contention.
The STV3550 Memory Interface includes an address translator which preventsany external
modification the address bus towards the SDRAMs. Since the data word size differs from one
configuration to the other one, addresses ADDR[11:0] are used in low-cost configurations, while
addresses ADDR[12:1] are used in high-end configurations.
The Address bus is connected as in a low-cost configuration, while the address translator translates
internal addresses ADDR[12:1] on external addresses ADDR[11:0] when a high-end configuration
is required.
Note:
Address translation only concerns addresses ADDR[11:0] and is only performed when the SDRAM
is accessed. Addresses are not translated when the Flash memory is accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com