Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC58FVM7B2 Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TC58FVM7B2
Description  128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM7B2 Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TC58FVM7B2 Datasheet HTML 45Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 46Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 47Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 48Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 49Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 50Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 51Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 52Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
TC58FVM7(T/B)2AFT(65/80)
2002-10-24 49/68
BLOCK ADDRESS
BANK
ADDRESS
ADDRESS RANGE
BANK
#
BLOCK
#
A22 A21 A20 A19 A18 A17 A16 A15 A14 A13 A12
BYTE MODE
WORD MODE
BA32
L
L
H
L
L
L
L
L
*
*
*
200000h~20FFFFh
100000h~107FFFh
BA33
L
L
H
L
L
L
L
H
*
*
*
210000h~21FFFFh
108000h~10FFFFh
BA34
L
L
H
L
L
L
H
L
*
*
*
220000h~22FFFFh
110000h~117FFFh
BA35
L
L
H
L
L
L
H
H
*
*
*
230000h~23FFFFh
118000h~11FFFFh
BA36
L
L
H
L
L
H
L
L
*
*
*
240000h~24FFFFh
120000h~127FFFh
BA37
L
L
H
L
L
H
L
H
*
*
*
250000h~25FFFFh
128000h~12FFFFh
BA38
L
L
H
L
L
H
H
L
*
*
*
260000h~26FFFFh
130000h~137FFFh
BA39
L
L
H
L
L
H
H
H
*
*
*
270000h~27FFFFh
138000h~13FFFFh
BA40
L
L
H
L
H
L
L
L
*
*
*
280000h~28FFFFh
140000h~147FFFh
BA41
L
L
H
L
H
L
L
H
*
*
*
290000h~29FFFFh
148000h~14FFFFh
BA42
L
L
H
L
H
L
H
L
*
*
*
2A0000h~2AFFFFh
150000h~157FFFh
BA43
L
L
H
L
H
L
H
H
*
*
*
2B0000h~2BFFFFh
158000h~15FFFFh
BA44
L
L
H
L
H
H
L
L
*
*
*
2C0000h~2CFFFFh
160000h~167FFFh
BA45
L
L
H
L
H
H
L
H
*
*
*
2D0000h~2DFFFFh
168000h~16FFFFh
BA46
L
L
H
L
H
H
H
L
*
*
*
2E0000h~2EFFFFh
170000h~177FFFh
BA47
L
L
H
L
H
H
H
H
*
*
*
2F0000h~2FFFFFh
178000h~17FFFFh
BA48
L
L
H
H
L
L
L
L
*
*
*
300000h~30FFFFh
180000h~187FFFh
BA49
L
L
H
H
L
L
L
H
*
*
*
310000h~31FFFFh
188000h~18FFFFh
BA50
L
L
H
H
L
L
H
L
*
*
*
320000h~32FFFFh
190000h~197FFFh
BA51
L
L
H
H
L
L
H
H
*
*
*
330000h~33FFFFh
198000h~19FFFFh
BA52
L
L
H
H
L
H
L
L
*
*
*
340000h~34FFFFh
1A0000h~1A7FFFh
BA53
L
L
H
H
L
H
L
H
*
*
*
350000h~35FFFFh
1A8000h~1AFFFFh
BA54
L
L
H
H
L
H
H
L
*
*
*
360000h~36FFFFh
1B0000h~1B7FFFh
BA55
L
L
H
H
L
H
H
H
*
*
*
370000h~37FFFFh
1B8000h~1BFFFFh
BA56
L
L
H
H
H
L
L
L
*
*
*
380000h~38FFFFh
1C0000h~1C7FFFh
BA57
L
L
H
H
H
L
L
H
*
*
*
390000h~39FFFFh
1C8000h~1CFFFFh
BA58
L
L
H
H
H
L
H
L
*
*
*
3A0000h~3AFFFFh
1D0000h~1D7FFFh
BA59
L
L
H
H
H
L
H
H
*
*
*
3B0000h~3BFFFFh
1D8000h~1DFFFFh
BA60
L
L
H
H
H
H
L
L
*
*
*
3C0000h~3CFFFFh
1E0000h~1E7FFFh
BA61
L
L
H
H
H
H
L
H
*
*
*
3D0000h~3DFFFFh
1E8000h~1EFFFFh
BA62
L
L
H
H
H
H
H
L
*
*
*
3E0000h~3EFFFFh
1F0000h~1F7FFFh
BK1
BA63
L
L
H
H
H
H
H
H
*
*
*
3F0000h~3FFFFFh
1F8000h~1FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com