Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC58FVM7B2 Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TC58FVM7B2
Description  128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVM7B2 Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TC58FVM7B2 Datasheet HTML 13Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 14Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 15Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 16Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 17Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 18Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 19Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 20Page - Toshiba Semiconductor TC58FVM7B2 Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
TC58FVM7(T/B)2AFT(65/80)
2002-10-24 17/68
ADDRESS A6~A0
DATA DQ15~DQ0
DESCRIPTION
57h
0004h
Bank Organization
00h : Data at 4Ah is zero
X: Number of Banks
58h
00XXh
Bank0 Region information
X = Number of blocs Bank0
TOP:20h
BOTTOM:27h
59h
00XXh
Bank1 Region information
X = Number of blocks in Bank1
TOP:60h
BOTTOM:60h
5Ah
00XXh
Bank2 Region information
X = Number of blocks in Bank2
TOP:60h
BOTTOM:60h
5Bh
00XXh
Bank3 Region information
X = Number of blocks in Bank3
TOP:27h
BOTTOM:20h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com