Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN2065UWQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2065UWQ
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2065UWQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2065UWQ Datasheet HTML 1Page - Diodes Incorporated DMN2065UWQ Datasheet HTML 2Page - Diodes Incorporated DMN2065UWQ Datasheet HTML 3Page - Diodes Incorporated DMN2065UWQ Datasheet HTML 4Page - Diodes Incorporated DMN2065UWQ Datasheet HTML 5Page - Diodes Incorporated DMN2065UWQ Datasheet HTML 6Page - Diodes Incorporated DMN2065UWQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN2065UWQ
Document number: DS36988 Rev. 2 - 2
2 of 7
www.diodes.com
May 2017
© Diodes Incorporated
DMN2065UWQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 7) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
2.8
2.3
A
t<10s
TA = +25°C
TA = +70°C
ID
3.1
2.6
A
Continuous Drain Current (Note 7) VGS = 1.8V
Steady
State
TA = +25°C
TA = +70°C
ID
2.2
1.7
A
t<10s
TA = +25°C
TA = +70°C
ID
2.4
1.9
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
30
A
Maximum Body Diode Forward Current (Note 6)
IS
1.2
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 6)
PD
0.43
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
296
°C/W
t<10s
252
°C/W
Total Power Dissipation (Note 7)
PD
0.7
W
Thermal Resistance, Junction to Ambient (Note 7)
Steady State
RθJA
178
°C/W
t<10s
151
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
@TC = +25°C
IDSS
1
μA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
±1
μA
VGS = ±10V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
0.35
1
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
52
56
m
VGS = 4.5V, ID = 2A
59
65
VGS = 2.5V, ID = 2A
60
93
VGS = 1.8V, ID = 1A
75
140
VGS = 1.5V, ID = 0.5A
Forward Transfer Admittance
|Yfs|
7
S
VDS = 5V, ID = 3.8A
Diode Forward Voltage
VSD
0.7
1
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
400
pF
VDS = 10V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
73.8
pF
Reverse Transfer Capacitance
Crss
65.6
pF
Total Gate Charge
Qg
5.4
nC
VGS = 4.5V, VDS = 10V,
ID = 6A
Gate-Source Charge
Qgs
0.7
nC
Gate-Drain Charge
Qgd
1.4
nC
Turn-On Delay Time
tD(ON)
3.5
ns
VDD = 10V, VGS = 5V,
RL = 1.7Ω, RG = 6Ω
Turn-On Rise Time
tR
9.7
ns
Turn-Off Delay Time
tD(OFF)
23.8
ns
Turn-Off Fall Time
tF
7.2
ns
Notes:
6. Device mounted on FR-4 substrate PC board, with minimum recommended pad layout.
7. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com