Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5471GHKA Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 25Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 26Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 27Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 28Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 29Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 30Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 31Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 32Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
DSP Subsystem Functional Overview
20
June 2001 – Revised December 2002
SPRS180C
Table 3–4. Bank-Switching Control Register (BSCR) Bit Fields
BIT
RESET
FUNCTION
NO.
NAME
RESET
VALUE
FUNCTION
15–12
BNKCMP
1111
Bank compare. Determines the external bank size. BNKCMP is used to mask the four MSBs of an address.
For example, if BNKCMP = 1111b, the four MSBs (bits 15–12) are compared, resulting in a bank size of
4K words. Bank sizes of 4K words to 64K words are allowed. Table 3–5 shows the relationship between
BNKCMP and the address range.
11
PS–DS
1
Program read – data read access. Inserts an extra cycle between consecutive accesses of program read
and data read, or data read and program read.
–
PS–DS = 0: No extra cycles are inserted by this feature
–
PS–DS = 1: One extra cycle is inserted between consecutive data and program reads.
10–5
Reserved
0
These bits are reserved and will retain written values.
4
ABMDIS
0
API boot mode disable. This bit will force the DSP out of API boot mode. This bit has no effect when the
DSP_APIBN is high. When DSP_APIBN is low, a 0 in this bit enables API boot mode and a 1 disables API
boot mode. Note that a DSP subsystem reset will clear this bit and thus re-enable the DSP_APIBN port.
–
ABMDIS = 0: API boot mode is under the control of DSP_APIBN
–
ABMDIS = 1: DSP_APIBN is ignored and DSP subsystem is kept out of API boot mode
.
3
HINT
0
Host processor interrupt. This bit enables/disables an interrupt to the MCU from the DSP. At reset, the HINT
bit is cleared. To send a proper interrupt to the MCU, the DSP must write a 1 to HINT, delay an appropriate
time, then write a 0 to HINT to create a pulse of an appropriate duration on the interrupt signal to the MCU.
–
HINT = 0: Interrupt signal to the MCU is not active
–
HINT = 1: Interrupt signal to the MCU is active
2
APIMODE
0
HOM/SAM enable. This bit enables/disables the API host-only mode.
–
APIMODE = 0: The shared-access mode (SAM) is enabled. Both the DSP and the MCU may access
the API RAM.
–
APIMODE = 1: The host-only mode (HOM) is enabled. The MCU may access the API RAM; the DSP
may not access the API RAM. DSP writes to the API RAM are ignored, and DSP reads from the API
RAM return undefined values. DSP IDLE modes have no effect on MCU accesses to the API memory
when in host-only mode.
1
Reserved
0
These bits are reserved and will retain written values.
0
EXIO
0
External bus interface off. The EXIO bit controls the external bus-off function.
–
EXIO = 0: The external bus interface functions as usual.
–
EXIO = 1: The address bus, data bus, and control signals become inactive after completing the current
bus cycle. Table 3–6 lists the states of the external interface signals when the interface is disabled.
Note that the DROM, MP/MC, and OVLY bits in the PMST and the HM bit of ST1 cannot be modified
when the interface is disabled.
3.3.2 Programmable Bank-Switching Wait-States
The bank-switching features of the programmable bank-switching logic of the 5471 DSP subsystem is
functionally equivalent to that of the 5409. This feature automatically inserts one cycle when accessing across
memory-bank boundaries within program or data memory space. A bank-switching wait-state can also be
automatically inserted when accessing across the data space to program space boundary. These features
are programmed via the BNKCMP and PS–DS bits in the BSCR.
The relationship between BNKCMP, the address bits to be compared, and the bank size is summarized in
Table 3–5. The BNKCMP values that are not listed in the table are not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com