Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320VC5471GHKA Datasheet(PDF) 42 Page - Texas Instruments

Part # TMS320VC5471GHKA
Description  Fixed-Point Digital Signal Processor
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5471GHKA Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320VC5471GHKA Datasheet HTML 38Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 39Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 40Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 41Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 42Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 43Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 44Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 45Page - Texas Instruments TMS320VC5471GHKA Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 97 page
background image
MCU Subsystem Functional Overview
33
June 2001 – Revised December 2002
SPRS180C
4.3
MCU Peripherals
The following section describes the 5471 MCU subsystem peripherals.
4.3.1 MCU Ethernet Interface Module
The 5471 Ethernet interface implements an IEEE802.3/Ethernet MAC which supports 10- and 100-Mbit/s
data rates, along with buffer memory for Ethernet traffic. The 16-KB memory-mapped packet memory is used
for temporary storage of transmit (TX) and receive (RX) packets and various control information. This packet
memory is isolated from the MCU subsystem memory bus, so that Ethernet data does not affect MCU
subsystem memory access performance. Figure 4–2 is a functional block diagram of the Ethernet interface.
Local Bus
Interface
ENET0
Module
32 x 72–Bit
Internal
FIFO
Packet
Memory
16 KB
ARM Memory
Interface
MII0
PHY 0
Figure 4–2. Ethernet Interface Block Diagram
The Ethernet interface has two packet channels. One of these channels is associated with the Ethernet media
access controller (MAC) port (ENET0), and one virtual port connected to the logical link control layer
(sub-layer for the data link layer) of the MCU software (called MCU port). The Ethernet interface handles the
packet routing between the two packet channels.
The MAC is a full-featured, configurable 802.3 controller. The half/full duplex configuration is controlled by
setting the DUPLEX bit in the mode register. The MAC receive block implements all the required IEEE 802.3
standards for either 10Mbit/s operation or 100Mbit/s operation. The MAC receive block receives data from
the MII, handles receive path control, and identification of errors. The MAC transmit block takes the data from
the buffer memory and serializes it, and provides it to the Media Independent Interface (MII) port, following
the IEEE 802.3 standards requirements for either 10 Mbit/s operation or 100 Mbit/s operation. It implements
identification of transmit errors, and transmits the data to the MII.
When the MAC receives an Ethernet packet, the packet information is temporarily stored in a local receive
FIFO. The receive FIFO is provided to decouple system memory (packet memory) access timing from packet
timing. This prevents overrun conditions caused by MCU accesses to the packet memory. In addition to
buffering, the receive FIFO allows for network retries, runts, and flow control. Similarly, there is a transmit
FIFO for the MAC. Each of these FIFOs is 32x72, to allow buffering of a full packet plus address and control
and status information. The Ethernet interface automatically transfers data between the packet memory and
the FIFOs as necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com