Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C12608 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12608
Description  Virpi Lens array
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12608 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12608 Datasheet HTML 1Page - Ledil, Inc. C12608 Datasheet HTML 2Page - Ledil, Inc. C12608 Datasheet HTML 3Page - Ledil, Inc. C12608 Datasheet HTML 4Page - Ledil, Inc. C12608 Datasheet HTML 5Page - Ledil, Inc. C12608 Datasheet HTML 6Page - Ledil, Inc. C12608 Datasheet HTML 7Page - Ledil, Inc. C12608 Datasheet HTML 8Page - Ledil, Inc. C12608 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
PRODUCT DATASHEET
Virpi series
last update 2/3/2017
DETAILS
Product Number
C12608_VIRPI-M
Family
Virpi
Type
Lens array
Color
clear
Diameter
74,9 x 74,9 mm
Height
9,5 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
glue, pin
Status
production ready
ROHS Compliant
Yes
Date Updated
2/03/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G
29 deg
Medium
92 %
2.530
-
XT-E
29 deg
Medium
91 %
2.620
-
XB-D
28 deg
Medium
92 %
2.830
-
XP-E2
28 deg
Medium
91 %
3.000
-
XP-G2
29 deg
Medium
91 %
2.700
-
XH-B/G
30 deg
Medium
90 %
2.400
-
ML-E
29 deg
Medium
91 %
2.500
-
LG 3030
28 deg
Medium
91 %
2.800
-
LUXEON Rebel ES
28 deg
Medium
91 %
2.620
-
LUXEON T
sim: 26
Medium
sim: 91 % sim: 3.350 -
LUXEON TX
sim: 27
Medium
sim: 92 % sim: 3.250 -
LUXEON C
sim: 23
Medium
sim: 86 % sim: 3.700 -
LUXEON SunPlus 20 Line
sim: 27
Medium
sim: 88 % sim: 3.400 -
LUXEON SunPlus 35 Line
sim: 26
Medium
sim: 93 % sim: 3.600 -
NVSxx19A
29 deg
Medium
90 %
2.580
-
NF2x757A
28 deg
Medium
92 %
2.900
-
NVSxx19B/NVSxx19C
sim: 27
Medium
sim: 94 % sim: 3.190 -
Oslon Square EC
28 deg
Medium
91 %
2.820
-
Duris S5 (Single chip)
28 deg
Medium
92 %
3.100
-
OSCONIQ P 2226
29 deg
Medium
90 %
2.600
-
Oslon Square Gen3
sim: 26
Medium
sim: 93 % sim: 3.400 -
LM231 A/B
28 deg
Medium
92 %
3.100
-
LH351B
sim: 27
Medium
sim: 94 % sim: 2.975 -
LH351C
sim: 28
Medium
sim: 94 % sim: 2.799 -
January 31st 2018 2:03 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C12608

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12608 CREE-C12608 Datasheet
2Mb / 37P
Virpi series
logo
Intelligent LED Solutio...
C12608_VIRPI-M ILS-C12608_VIRPI-M Datasheet
1Mb / 8P
1 OSLON® Square Uniform White PowerStars CRI90
Version V1
More results

Similar Description - C12608

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12608 CREE-C12608 Datasheet
2Mb / 37P
Virpi series
C12609 CREE-C12609 Datasheet
1Mb / 35P
Virpi series
logo
Ledil, Inc.
C13237 LEDIL-C13237 Datasheet
2Mb / 33P
HighBay Lens array
C13239 LEDIL-C13239 Datasheet
2Mb / 33P
HighBay Lens array
C14541 LEDIL-C14541 Datasheet
3Mb / 53P
HighBay Lens array
C15925 LEDIL-C15925 Datasheet
1Mb / 21P
HighBay Lens array
C10365 LEDIL-C10365 Datasheet
302Kb / 3P
Martha Lens array
C12609 LEDIL-C12609 Datasheet
2Mb / 39P
Virpi Lens array
C13301 LEDIL-C13301 Datasheet
7Mb / 122P
Strada Lens array
C13699 LEDIL-C13699 Datasheet
4Mb / 70P
Strada Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com