Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C12608 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C12608
Description  Virpi Lens array
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12608 Datasheet(HTML) 2 Page - Ledil, Inc.

  C12608 Datasheet HTML 1Page - Ledil, Inc. C12608 Datasheet HTML 2Page - Ledil, Inc. C12608 Datasheet HTML 3Page - Ledil, Inc. C12608 Datasheet HTML 4Page - Ledil, Inc. C12608 Datasheet HTML 5Page - Ledil, Inc. C12608 Datasheet HTML 6Page - Ledil, Inc. C12608 Datasheet HTML 7Page - Ledil, Inc. C12608 Datasheet HTML 8Page - Ledil, Inc. C12608 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
A
D
3
2
4
1
DESIGNED BY
DATE
CHECKED BY
DATE
DRAWN BY
DATE
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
1:1 WEIGHT(g)
SHEET
1/1
SIZE
A4
DRAWING NUMBER
REV
1
DRAWING TITLE
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
pl
PL
03.02.2012
Material:
- PMMA
Tolerances
if not otherwise shown:
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position:
class L
Datasheet Virpi series
-
20.02.2012
74. 9
1. 9
Detail A
Scale:
2:1
1 5
1 5
4 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com