Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM9966C Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APM9966C
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9966C Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APM9966C Datasheet HTML 4Page - Anpec Electronics Coropration APM9966C Datasheet HTML 5Page - Anpec Electronics Coropration APM9966C Datasheet HTML 6Page - Anpec Electronics Coropration APM9966C Datasheet HTML 7Page - Anpec Electronics Coropration APM9966C Datasheet HTML 8Page - Anpec Electronics Coropration APM9966C Datasheet HTML 9Page - Anpec Electronics Coropration APM9966C Datasheet HTML 10Page - Anpec Electronics Coropration APM9966C Datasheet HTML 11Page - Anpec Electronics Coropration APM9966C Datasheet HTML 12Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Mar., 2003
www.anpec.com.tw
11
APM9966/C
Carrier Tape & Reel Dimensions
A p p lic a tio n
A
B
C
J
T1
T2
W
P
E
33 0
± 16 2 +1 .5
1 2 .75+
0.15
2
± 0.5
1 2.4
± 0.2
2
± 0.2
1 2
± 0. 3
8
± 0.1
1 .7 5
±0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SO P- 8
5.5
± 1
1 .5 5 + 0 .1 1.55 + 0 .2 5 4.0
± 0.1
2 .0
± 0.1
6 .4
± 0.1
5 .2
± 0. 1
2 .1
± 0.1 0 .3 ±0 .013
A p p lic a tio n
A
B
C
J
T1
T2
W
P
E
33 0
± 16 2 +1 .5
1 2 .75+
0.15
2 + 0.5
1 2.4
± 0.2
2
± 0.2
1 2
± 0. 3
8
± 0.1
1 .7 5
±0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
T S SO P-8
5.5
± 0. 1 1 .5 + 0.1 1 .5 + 0.1
4 .0
± 0.1
2 .0
± 0.1
7 .0
± 0.1
3 .6
± 0.3
1 .6
± 0.1 0 .3 ±0 .013
A
J
B
T2
T1
C
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245°C,5 SEC
HOLT
MIL-STD 883D-1005.7
1000 Hrs Bias @ 125°C
PCT
JESD-22-B, A102
168 Hrs, 100% RH, 121°C
TST
MIL-STD 883D-1011.9
-65°C ~ 150°C, 200 Cycles
Reliability test program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com