Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM9966C Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APM9966C
Description  Dual N-Channel Enhancement Mode MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9966C Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APM9966C Datasheet HTML 1Page - Anpec Electronics Coropration APM9966C Datasheet HTML 2Page - Anpec Electronics Coropration APM9966C Datasheet HTML 3Page - Anpec Electronics Coropration APM9966C Datasheet HTML 4Page - Anpec Electronics Coropration APM9966C Datasheet HTML 5Page - Anpec Electronics Coropration APM9966C Datasheet HTML 6Page - Anpec Electronics Coropration APM9966C Datasheet HTML 7Page - Anpec Electronics Coropration APM9966C Datasheet HTML 8Page - Anpec Electronics Coropration APM9966C Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Mar., 2003
www.anpec.com.tw
2
APM9966/C
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
V
DSS
Drain-Source Voltage
20
V
GSS
Gate-Source Voltage
±10
V
I
D
*
Maximum Drain Current – Continuous
6
I
DM
Maximum Drain Current – Pulsed
20
A
SO-8
1.6
T
A=25°C
TSSOP-8
1.0
SO-8
0.625
P
D
Maximum Power Dissipation
T
A=100°C
TSSOP-8
0.4
W
T
J
Maximum Junction Temperature
150
°C
T
STG
Storage Temperature Range
-55 to 150
°C
RθjA
Thermal Resistance – Junction to Ambient
50
°C/W
* Surface Mounted on FR4 Board, t
≤ 10 sec.
Ordering and Marking Information
APM9966/C
Handling Code
Temp. Range
Package Code
Package Code
K : SO-8
O : TSSOP-8
Operation Junction Temp. Range
C : -55 to 150 C
Handling Code
TR : Tape & Reel
°
APM9966/C K/O :
APM9966/C
XXXXX
XXXXX - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com