Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX88190AL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AX88190AL
Description  PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX88190AL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AX88190AL Datasheet HTML 1Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 2Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 3Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 4Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 5Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 6Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 7Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 8Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
AX88190A
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
3
6.0 ELECTRICAL SPECIFICATION AND TIMINGS .......................................................................................27
6.1 ABSOLUTE MAXIMUM RATINGS.........................................................................................................................27
6.2 GENERAL OPERATION CONDITIONS ...................................................................................................................27
6.3 DC CHARACTERISTICS......................................................................................................................................27
6.4 A.C. TIMING CHARACTERISTICS........................................................................................................................28
6.4.1 XTAL / CLOCK.........................................................................................................................................28
6.4.2 Reset Timing .............................................................................................................................................28
6.4.3 Attribute Memory Read Timing .................................................................................................................29
6.4.4 Attribute Memory Write Timing ................................................................................................................30
6.4.5 I/O Read Timing .......................................................................................................................................31
6.4.6 I/O Write Timing.......................................................................................................................................32
6.4.7 MII Timing................................................................................................................................................33
6.4.8 SNI Timing................................................................................................................................................34
7.0 PACKAGE INFORMATION ...........................................................................................................................35
APPENDIX A: APPLICATION NOTE.................................................................................................................36
A.1 USING CRYSTAL 25MHZ OR 20MHZ.................................................................................................................36
A.2 USING OSCILLATOR 25MHZ OR 20MHZ............................................................................................................36
A.3 USING 60MHZ OSCILLATOR/CRYSTAL..............................................................................................................36
A.4 DUAL POWER (5V AND 3.3V) APPLICATION.......................................................................................................37
A.5 SINGLE POWER (3.3V) APPLICATION .................................................................................................................37
A.6 DUAL POWER (5V AND 3.3V) APPLICATION WITH 3.3V PHY .............................................................................38
APPENDIX B: AX88190 DESIGN CHANGES TO AX88190A ...........................................................................39
ERRATA OF AX88190A VERSION ED2 ..............................................................................................................40
DEMONSTRATION CIRCUIT : AX88190A + ETHERNET PHY + HOMEPNA 1M8 PHY ...........................41
REFERENCE BILL OF MATERIALS..................................................................................................................47
SPONSORS OF COMPONENTS...........................................................................................................................48
SPONSORS OF COMPONENTS (CHINESE) ......................................................................................................49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com