Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX88190AL Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AX88190AL
Description  PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX88190AL Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AX88190AL Datasheet HTML 1Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 2Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 3Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 4Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 5Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 6Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 7Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 8Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
AX88190A
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
5
1.0 Introduction
1.1 General Description:
The AX88190A provides industrial standard NE2000 registers level compatable instruction set. Various drivers
are easy acquired, maintenance and usage with no pain and tears
The AX88190A Fast Ethernet Controller is a high performance and highly integrated PCMCIA bus Ethernet
Controller with embedded 8K*16 bit SRAM. The AX88190A contains a 16 bit PCMCIA interfaces to host CPU
and compliant with PC Card Standard – February 1995. The AX88190A implements both 10Mbps and
100Mbps Ethernet function based on IEEE802.3 / IEEE802.3u LAN standard. The AX88190A support
10Mbps/100Mbps media-independent interface (MII) and legacy pure 10Mbps SNI interface to simplify the
design. Using Serial Network Interface (SNI) transceiver, Home LAN PHY or 10BASE-2 BNC type media can be
supported. The AX88190A is built in interface to connect FAX/MODEM chipset with parallel bus interface.
The main difference between AX88190A and AX88190 are : 1) Replace memory I/F with SNI I/F. 2) Fix OE#
signal synchronous problem 3) Fix interrupt status can’t always clean up problem of AX88190. 4) Add 8 general
Purpose I/O ports. 5) Change MPD_SET (pin 74 -> pin 68) and PPD_SET (pin 76 -> pin 70) power on setup
pins location.
AX88190A use 128-pin LQFP low profile package, typical 25MHz operation, dual 5V and 3.3V CMOS process
with 5V I/O tolerance or pure 3.3V operation.
1.2 AX88190A Block Diagram:
Fig - 1 AX88190A Block Diagram
MAC
Core
8K* 16 SRAM
and Memory Arbiter
Remote
DMA
FIFOs
NE2000/GPIO
Registers
PCMCIA Interface
STA
SEEPROM
LOADER I/F
SD[15:0]
SA[9:0]
Ctl BUS
MII I/F
SMDC
SMDIO
EECS
EECK
EEDI
EEDO
MODEM
I/F
SNI I/F
GPI/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com