Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAP142L Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAP142L
Description  Silicon PIN diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP142L Datasheet(HTML) 4 Page - NXP Semiconductors

  BAP142L Datasheet HTML 1Page - NXP Semiconductors BAP142L Datasheet HTML 2Page - NXP Semiconductors BAP142L Datasheet HTML 3Page - NXP Semiconductors BAP142L Datasheet HTML 4Page - NXP Semiconductors BAP142L Datasheet HTML 5Page - NXP Semiconductors BAP142L Datasheet HTML 6Page - NXP Semiconductors BAP142L Datasheet HTML 7Page - NXP Semiconductors BAP142L Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
9397 750 13056
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 27 May 2004
4 of 8
Philips Semiconductors
BAP142L
Silicon PIN diode
f = 100 MHz; Tj =25 °C.
f = 1 MHz; Tj =25 °C.
Fig 1.
Forward resistance as a function of forward
current; typical values.
Fig 2.
Diode capacitance as a function of reverse
voltage; typical values.
(1) IF = 100 mA.
(2) IF =10mA.
(3) IF = 1 mA.
(4) IF = 0.5 mA.
Diode inserted in series with a 50
Ω stripline circuit
and biased via the analyzer Tee network;
Tamb =25 °C.
Diode zero biased and inserted in a 50
Ω microstrip
circuit; Tamb =25 °C.
Fig 3.
Insertion loss (
|s21|2) of the diode as a function
of frequency; typical values.
Fig 4.
Isolation (
|s21|2) of the diode as a function of
frequency; typical values.
IF (mA)
10-1
102
10
1
001aaa693
10
1
102
rD
(
Ω)
10−1
VR (V)
020
15
510
001aaa694
100
200
300
CD
(fF)
0
001aaa695
f (GHz)
03
2
1
−0.6
−0.4
−0.8
−0.2
0
s21 2
(dB)
−1
(2)
(4)
(1)
(3)
001aaa696
f (GHz)
03
2
1
−30
−20
−40
−10
0
−50
s21 2
(dB)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com