Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAP142L Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAP142L
Description  Silicon PIN diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP142L Datasheet(HTML) 3 Page - NXP Semiconductors

  BAP142L Datasheet HTML 1Page - NXP Semiconductors BAP142L Datasheet HTML 2Page - NXP Semiconductors BAP142L Datasheet HTML 3Page - NXP Semiconductors BAP142L Datasheet HTML 4Page - NXP Semiconductors BAP142L Datasheet HTML 5Page - NXP Semiconductors BAP142L Datasheet HTML 6Page - NXP Semiconductors BAP142L Datasheet HTML 7Page - NXP Semiconductors BAP142L Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9397 750 13056
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 27 May 2004
3 of 8
Philips Semiconductors
BAP142L
Silicon PIN diode
s
21
2
isolation
VR = 0 V; see Figure 4
f = 900 MHz
-
16.0
-
dB
f = 1800 MHz
-
11.6
-
dB
f = 2450 MHz
-
9.9
-
dB
s212
insertion loss
IF = 0.5 mA; see Figure 3
f = 900 MHz
-
0.24
-
dB
f = 1800 MHz
-
0.25
-
dB
f = 2450 MHz
-
0.26
-
dB
s212
insertion loss
IF = 1 mA; see Figure 3
f = 900 MHz
-
0.18
-
dB
f = 1800 MHz
-
0.19
-
dB
f = 2450 MHz
-
0.21
-
dB
s212
insertion loss
IF = 10 mA; see Figure 3
f = 900 MHz
-
0.10
-
dB
f = 1800 MHz
-
0.11
-
dB
f = 2450 MHz
-
0.14
-
dB
s212
insertion loss
IF = 100 mA; see Figure 3
f = 900 MHz
-
0.07
-
dB
f = 1800 MHz
-
0.09
-
dB
f = 2450 MHz
-
0.11
-
dB
τL
charge carrier life time
when switched from
IF =10mAtoIR = 6 mA;
RL = 100 Ω;
measured at IR =3mA
-
0.12
-
µs
LS
series inductance
IF = 100 mA; f = 100 MHz
-
0.6
-
nH
Table 6:
Electrical characteristics …continued
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com