Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC2560BYFVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC2560BYFVT
Description  Dual-Mode Bluetooth Controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2560BYFVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2560BYFVT Datasheet HTML 17Page - Texas Instruments CC2560BYFVT Datasheet HTML 18Page - Texas Instruments CC2560BYFVT Datasheet HTML 19Page - Texas Instruments CC2560BYFVT Datasheet HTML 20Page - Texas Instruments CC2560BYFVT Datasheet HTML 21Page - Texas Instruments CC2560BYFVT Datasheet HTML 22Page - Texas Instruments CC2560BYFVT Datasheet HTML 23Page - Texas Instruments CC2560BYFVT Datasheet HTML 24Page - Texas Instruments CC2560BYFVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
PCM/I2S
UART
CC256x
I/O
interface
Coprocessor
(See Note)
BR/EDR
main processor
Modem
arbitrator
DRP
Power
management
Clock
management
Power Shutdown
Slow
clock
Fast
clock
2.4-GHz
band pass filter
SWRS121-001
HCI
CC2560A NRND; CC2564 NRND
21
CC2560A, CC2560B, CC2564, CC2564B
www.ti.com
SWRS121E – JULY 2012 – REVISED JANUARY 2016
Submit Documentation Feedback
Product Folder Links: CC2560A CC2560B CC2564 CC2564B
Detailed Description
Copyright © 2012–2016, Texas Instruments Incorporated
6
Detailed Description
6.1
Overview
The CC256x architecture comprises a DRP™ and a point-to-multipoint baseband core. The architecture is
based on a single-processor ARM7TDMIE® core. The device includes several on-chip peripherals to
enable easy communication with a host system and the Bluetooth BR/EDR/LE core.
6.2
Functional Block Diagram
Note: The following technologies and assisted modes cannot be used simultaneously with the coprocessor: Bluetooth
LE, ANT, assisted HFP 1.6 (WBS), and assisted A2DP. One and only one technology or assisted mode can be used
at a time.
Figure 6-1. CC256x Functional Block Diagram
6.3
Clock Inputs
This section describes the available clock inputs. For specifications, see Section 5.7.2, Clock
Specifications.
6.3.1
Slow Clock
An external source must supply the slow clock and connect to the SLOW_CLK_IN pin (for example, the
host or external crystal oscillator). The source must be a digital signal in the range of 0 to 1.8 V. The
accuracy of the slow clock frequency must be 32.768 kHz ±250 ppm for Bluetooth use (as specified in the
Bluetooth specification). The external slow clock must be stable within 64 slow-clock cycles (2 ms)
following the release of nSHUTD.
6.3.2
Fast Clock Using External Clock Source
An external clock source is fed to an internal pulse-shaping cell to provide the fast-clock signal for the
device. The device incorporates an internal, automatic clock-scheme detection mechanism that
automatically detects the fast-clock scheme used and configures the FREF cell accordingly. This
mechanism ensures that the electrical characteristics (loading) of the fast-clock input remain static
regardless of the scheme used and eliminates any power-consumption penalty-versus-scheme used.
The frequency variation of the fast-clock source must not exceed ±20 ppm (as defined by the Bluetooth
specification).
The external clock can be AC- or DC-coupled, sine or square wave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com