Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC2560BYFVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC2560BYFVT
Description  Dual-Mode Bluetooth Controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2560BYFVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2560BYFVT Datasheet HTML 9Page - Texas Instruments CC2560BYFVT Datasheet HTML 10Page - Texas Instruments CC2560BYFVT Datasheet HTML 11Page - Texas Instruments CC2560BYFVT Datasheet HTML 12Page - Texas Instruments CC2560BYFVT Datasheet HTML 13Page - Texas Instruments CC2560BYFVT Datasheet HTML 14Page - Texas Instruments CC2560BYFVT Datasheet HTML 15Page - Texas Instruments CC2560BYFVT Datasheet HTML 16Page - Texas Instruments CC2560BYFVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
CC2560A NRND; CC2564 NRND
13
CC2560A, CC2560B, CC2564, CC2564B
www.ti.com
SWRS121E – JULY 2012 – REVISED JANUARY 2016
Submit Documentation Feedback
Product Folder Links: CC2560A CC2560B CC2564 CC2564B
Specifications
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
The terms None or Asserted can imply any of the following conditions: directly pulled to ground or driven low, pulled to ground through a
pulldown resistor, or left NC or floating (high-impedance output stage).
5.7.1.3
Power Supplies and Shutdown – Static States
The nSHUTD signal puts the device in ultra-low power mode and performs an internal reset to the device.
The rise time for nSHUTD must not exceed 20
μs; nSHUTD must be low for a minimum of 5 ms.
To prevent conflicts with external signals, all I/O pins are set to the high-impedance (Hi-Z) state during
shutdown and power up of the device. The internal pull resistors are enabled on each I/O pin, as
described in Section 4.1, Pin Attributes. Table 5-1 describes the static operation states.
Table 5-1. Power Modes
VDD_IN (1)
VDD_IO(1)
nSHUTD(1)
PM_MODE
COMMENTS
1
None
None
Asserted
Shut down
I/O state is undefined. No I/O voltages
are allowed on nonfail-safe pins.
2
None
None
Deasserted
Not allowed
I/O state is undefined. No I/O voltages
are allowed on nonfail-safe pins.
3
None
Present
Asserted
Shut down
I/Os are defined as 3-state with internal
pullup or pulldown enabled.
4
None
Present
Deasserted
Not allowed
I/O state is undefined. No I/O voltages
are allowed on nonfail-safe pins.
5
Present
None
Asserted
Shut down
I/O state is undefined.
6
Present
None
Deasserted
Not allowed
I/O state is undefined. No I/O voltages
are allowed on nonfail-safe pins.
7
Present
Present
Asserted
Shut down
I/Os are defined as 3-state with internal
pullup or pulldown enabled.
8
Present
Present
Deasserted
Active
See Section 5.7.1.4, I/O States in
Various Power Modes
(1)
I = input, O = output, Z = Hi-Z, — = no pull, PU = pullup, PD = pulldown, H = high, L = low
5.7.1.4
I/O States in Various Power Modes
CAUTION
Some device I/Os are not fail-safe (see Section 4.1, Pin Attributes). Fail-safe
means that the pins do not draw current from an external voltage applied to the
pin when I/O power is not supplied to the device. External voltages are not
allowed on these I/O pins when the I/O supply voltage is not supplied because
of possible damage to the device.
Table 5-2 lists the I/O states in various power modes.
Table 5-2. I/O States in Various Power Modes
I/O NAME
SHUT DOWN(1)
DEFAULT ACTIVE(1)
DEEP SLEEP (1)
I/O State
Pull
I/O State
Pull
I/O State
Pull
HCI_RX
Z
PU
I
PU
I
PU
HCI_TX
Z
PU
O-H
O
HCI_RTS
Z
PU
O-H
O
HCI_CTS
Z
PU
I
PU
I
PU
AUD_CLK
Z
PD
I
PD
I
PD
AUD_FSYNC
Z
PD
I
PD
I
PD
AUD_IN
Z
PD
I
PD
I
PD
AUD_OUT
Z
PD
Z
PD
Z
PD
TX_DBG
Z
PU
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com