Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C11979 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11979
Description  Lena Reflector
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11979 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11979 Datasheet HTML 1Page - Ledil, Inc. C11979 Datasheet HTML 2Page - Ledil, Inc. C11979 Datasheet HTML 3Page - Ledil, Inc. C11979 Datasheet HTML 4Page - Ledil, Inc. C11979 Datasheet HTML 5Page - Ledil, Inc. C11979 Datasheet HTML 6Page - Ledil, Inc. C11979 Datasheet HTML 7Page - Ledil, Inc. C11979 Datasheet HTML 8Page - Ledil, Inc. C11979 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 176 page
background image
PRODUCT DATASHEET
Lena series
last update 30/1/2017
DETAILS
Product Number
C11979_LENA-S
Family
Lena
Type
Reflector
Color
metal
Diameter
111 mm
Height
80 mm
Style
round
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
30/01/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
-
NULL deg
Spot
-
-
-
V13 Gen7
sim: 10
Spot
sim: 88 % sim: 12.900 IDEAL: 50-2103CT + 50-2100LN
BXRA ES Rectangle
11 deg
Spot
78 %
-
-
BXRA RS
20 deg
Spot
80 %
-
-
V10 Gen6
9 deg
Spot
76 %
12.110
-
VERO29
30 deg
Spot
80 %
2.300
-
V22 Gen7
sim: 18
Spot
sim: 90 % sim: 5.583 Bender Wirth: 431 Typ L3
V10 Gen7
sim: 9
Spot
sim: 90 % sim: 22.340 Bender Wirth: 434 Typ L1
V13 Gen7
sim: 12
Spot
sim: 89 % sim: 12.270 Bender Wirth: 477 Typ L1
VERO13
14 deg
Spot
83 %
6.250
-
VERO18
17 deg
Spot
83 %
5.500
-
V10 Gen7
sim: 11
Spot
sim: 79 % sim: 12.280 Bender Wirth: 434 Typ L1
V13 Gen7
sim: 13
Spot
sim: 81 % sim: 9.000 Bender Wirth: 477 Typ L1
V13 Gen7
sim: 11
Spot
sim: 85 % sim: 9.900 IDEAL: 50-2103CT + 50-2100LN
CLL04x/CLU04x
16 deg
Spot
85 %
5.200
IDEAL: 50-2204CT + 50-2100LN
CLL04x/CLU04x
17 deg
Spot
78 %
4.800
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CL-L340
11 deg
Spot
84 %
10.100
-
CL-L340
14 deg
Spot
79 %
8.000
-
CLL03x/CLU03x
11 deg
Spot
85 %
13.000
-
CLU720/721
9 deg
Spot
85 %
18.700
-
CLU710/711
7 deg
Spot
90 %
30.000
-
CLL04x/CLU04x
15 deg
Spot
84 %
5.250
-
CLU730/731
10 deg
Spot
82 %
12.400
-
CLL03x/CLU03x
13 deg
Spot
80 %
7.600
-
CLU720/721
11 deg
Spot
79 %
8.600
-
February 5th 2018 3:09 Copyright Ledil Oy - Subject to change without prior notice - Page 1/28
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C11979

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11916 LEDIL-C11916 Datasheet
1Mb / 4P
~19째 spot beam
C11917 LEDIL-C11917 Datasheet
2Mb / 5P
~40째 20째 oval beam
logo
Cree, Inc
C11918 CREE-C11918 Datasheet
1Mb / 21P
Strada series
logo
Ledil, Inc.
C11918 LEDIL-C11918 Datasheet
2Mb / 7P
Soft wide beam with good illuminance uniformity
C11943 LEDIL-C11943 Datasheet
5Mb / 4P
~20째 medium round beam
More results

Similar Description - C11979

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13191 CREE-CN13191 Datasheet
382Kb / 6P
Lena series
CN13192 CREE-CN13192 Datasheet
379Kb / 6P
Lena series
CN13193 CREE-CN13193 Datasheet
380Kb / 5P
Lena series
CN14088 CREE-CN14088 Datasheet
2Mb / 35P
Lena series
CN14090 CREE-CN14090 Datasheet
1Mb / 33P
Lena series
CN12367 CREE-CN12367 Datasheet
424Kb / 5P
Lena series
logo
Ledil, Inc.
C11980 LEDIL-C11980 Datasheet
6Mb / 123P
Lena Reflector
C12154 LEDIL-C12154 Datasheet
9Mb / 225P
Lena Reflector
C12948 LEDIL-C12948 Datasheet
11Mb / 268P
Lena Reflector
C13101 LEDIL-C13101 Datasheet
7Mb / 151P
Lena Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com