Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C11979 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C11979
Description  Lena Reflector
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11979 Datasheet(HTML) 2 Page - Ledil, Inc.

  C11979 Datasheet HTML 1Page - Ledil, Inc. C11979 Datasheet HTML 2Page - Ledil, Inc. C11979 Datasheet HTML 3Page - Ledil, Inc. C11979 Datasheet HTML 4Page - Ledil, Inc. C11979 Datasheet HTML 5Page - Ledil, Inc. C11979 Datasheet HTML 6Page - Ledil, Inc. C11979 Datasheet HTML 7Page - Ledil, Inc. C11979 Datasheet HTML 8Page - Ledil, Inc. C11979 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 176 page
background image
PRODUCT DATASHEET
Lena series
last update 30/1/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CLU710/711
9 deg
Spot
83 %
12.000
-
CLL04x/CLU04x
16 deg
Spot
79 %
3.820
-
CLL04x/CLU04x
21 deg
Spot
80 %
3.400
Bender Wirth: 431 Typ L3
CLU700/701
5 deg
Spot
87 %
61.400
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
8 deg
Spot
85 %
26.500
Bender Wirth: 434 Typ L1
CLL03x/CLU03x
14 deg
Spot
80 %
6.700
Bender Wirth: 433 Typ L1
CLU700/701
8 deg
Spot
80 %
17.500
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
10 deg
Spot
80 %
11.500
Bender Wirth: 434 Typ L1
CLL04x/CLU04x
19 deg
Spot
81 %
3.600
IDEAL: 50-2204CT + 50-2100LN
CLL03x/CLU03x
13 deg
Spot
78 %
6.400
A.A.G. STUCCHI: 8101/G2 + S-8000/11
CLL04x/CLU04x
23 deg
Spot
73 %
2.500
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CXA/B 30xx
sim: 14
Spot
sim: 87 % sim: 7.500 IDEAL: 50-2234C + 50-2100LN
CXA2011
11 deg
Spot
80 %
-
-
CXA/B 15xx
7 deg
Spot
87 %
30.120
-
CXA/B 15xx
8 deg
Spot
81 %
15.500
-
CXA/B 25xx
13 deg
Spot
84 %
8.000
-
CXA/B 25xx
13 deg
Spot
79 %
5.900
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 10 deg
Spot
87 %
17.600
Bender Wirth: 437 Typ L1
CXA/B 15xx
7 deg
Spot
86 %
31.300
Bender Wirth: 441 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 12 deg
Spot
82 %
8.600
Bender Wirth: 437 Typ L1
CXA/B 15xx
8 deg
Spot
80 %
16.500
Bender Wirth: 441 Typ L1
CXA/B 30xx
NULL deg
Spot
sim: 80 % sim: 5.700 IDEAL: 50-2234C + 50-2100LN
CHI3030 29W
25 deg
Spot
80 %
2.700
Bender Wirth: 468 Typ L3
CHI3030 19W
20 deg
Spot
86 %
4.100
Bender Wirth: 468 Typ L3
LUXEON CoB 1216/1812
18 deg
Spot
79 %
4.540
A.A.G. STUCCHI: 8102/G2 + S-8000/12
LUXEON CoB 1204/1205
10 deg
Spot
83 %
13.100
-
LUXEON CoB 1208
12 deg
Spot
84 %
9.900
-
LUXEON CoB 1204/1205
12 deg
Spot
77 %
7.300
-
LUXEON CoB 1208
14 deg
Spot
78 %
6.000
-
LUXEON CoB 1216/1812
21 deg
Spot
80 %
3.600
-
LUXEON CoB 1211
16 deg
Spot
85 %
6.600
Bender Wirth: 431 Typ L3
LUXEON CoB 1211
17 deg
Spot
80 %
5.000
Bender Wirth: 431 Typ L3
LUXEON CoB 1202/1203
7 deg
Spot
87 %
28.300
Bender Wirth: 438 Typ L1
LUXEON CoB 1216/1812
23 deg
Spot
74 %
2.600
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CXM-14
14 deg
Spot
80 %
7.100
LEDiL: LEDiL
CXM-22
21 deg
Spot
80 %
3.800
LEDiL: LEDiL
CXM-14
NULL deg
Spot
sim: 85 % sim: 11.200 Bender Wirth: 433 Typ L1
CXM-9
NULL deg
Spot
sim: 85 % sim: 26.500 Bender Wirth: 434 Typ L1
CXM-14
NULL deg
Spot
sim: 80 % sim: 6.700 Bender Wirth: 433 Typ L1
CXM-9
NULL deg
Spot
sim: 80 % sim: 11.500 Bender Wirth: 434 Typ L1
COB L-Type (LES 9)
7 deg
Spot
89 %
30.700
Bender Wirth: 438 Typ L1
COB J-Type
12 deg
Spot
87 %
11.600
Bender Wirth: 463 Typ L2
February 5th 2018 3:09 Copyright Ledil Oy - Subject to change without prior notice - Page 2/28
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com