Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C12958 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12958
Description  Lenina Reflector
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12958 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12958 Datasheet HTML 1Page - Ledil, Inc. C12958 Datasheet HTML 2Page - Ledil, Inc. C12958 Datasheet HTML 3Page - Ledil, Inc. C12958 Datasheet HTML 4Page - Ledil, Inc. C12958 Datasheet HTML 5Page - Ledil, Inc. C12958 Datasheet HTML 6Page - Ledil, Inc. C12958 Datasheet HTML 7Page - Ledil, Inc. C12958 Datasheet HTML 8Page - Ledil, Inc. C12958 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 288 page
background image
PRODUCT DATASHEET
Lenina series
last update 1/6/2017
DETAILS
Product Number
C12958_LENINA-XW
Family
Lenina
Type
Reflector
Color
white
Diameter
74 mm
Height
40 mm
Style
round
Optic Material
HRPC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
1/06/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
BXRA ES Rectangle
74 deg
WWW-class 89 %
0.610
LEDiL: LEDiL
BXRA RS
76 deg
WWW-class 91 %
0.570
-
BXRA RS
87 deg
WWW-class 87 %
0.539
-
BXRA ES Rectangle
73 deg
WWW-class 84 %
0.570
LEDiL: LEDiL
V10 Gen6
69 deg
WWW-class 86 %
0.700
-
VERO29
77 deg
WWW-class 91 %
0.540
-
V22 Gen7
sim: 60
WWW-class sim: 89 % 1.577
Bender Wirth: 431 Typ L3
VERO29
77 deg
WWW-class 87 %
0.520
-
V22 Gen7
sim: 60
WWW-class sim: 85 % sim: 0.894 Bender Wirth: 431 Typ L3
VERO18
76 deg
WWW-class 91 %
0.580
-
VERO13
76 deg
WWW-class 91 %
0.590
-
V10 Gen7
sim: 71
WWW-class sim: 86 % sim: 0.720 Bender Wirth: 434 Typ L1
V13 Gen7
sim: 73
WWW-class sim: 86 % sim: 0.600 Bender Wirth: 477 Typ L1
VERO13
75 deg
WWW-class 87 %
0.550
-
VERO18
75 deg
WWW-class 87 %
0.540
-
V13 Gen7
sim: 72
WWW-class sim: 82 % sim: 0.570 Bender Wirth: 477 Typ L1
V13 Gen7
sim: 70
WWW-class sim: 83 % sim: 0.603 IDEAL: 50-2103CT + 50-2100AN
CLL04x/CLU04x
72 deg
WWW-class 91 %
0.600
IDEAL: 50-2204CT + 50-2100LN
CLL04x/CLU04x
74 deg
WWW-class 84 %
0.500
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CLL03x/CLU03x
74 deg
WWW-class 93 %
0.630
-
CLU720/721
74 deg
WWW-class 89 %
0.600
-
CLU710/711
75 deg
WWW-class 94 %
0.640
-
CLL04x/CLU04x
71 deg
WWW-class 89 %
0.600
-
CLU730/731
72 deg
WWW-class 94 %
0.660
-
CL-L340
72 deg
WWW-class 86 %
0.619
-
February 5th 2018 3:10 Copyright Ledil Oy - Subject to change without prior notice - Page 1/56
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C12958

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12955 CREE-C12955 Datasheet
819Kb / 17P
Barbara series
More results

Similar Description - C12958

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13197 CREE-CN13197 Datasheet
403Kb / 5P
Lenina series
CN13201 CREE-CN13201 Datasheet
420Kb / 6P
Lenina series
CN14106 CREE-CN14106 Datasheet
2Mb / 37P
Lenina series
CN14108 CREE-CN14108 Datasheet
2Mb / 35P
Lenina series
CN12641 CREE-CN12641 Datasheet
403Kb / 5P
Lenina series
CN12650 CREE-CN12650 Datasheet
278Kb / 3P
Lenina series
CN12652 CREE-CN12652 Datasheet
299Kb / 3P
Lenina series
logo
Ledil, Inc.
C12597 LEDIL-C12597 Datasheet
11Mb / 285P
Lenina Reflector
C12598 LEDIL-C12598 Datasheet
11Mb / 274P
Lenina Reflector
C12599 LEDIL-C12599 Datasheet
9Mb / 220P
Lenina Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com