Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C12958 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C12958
Description  Lenina Reflector
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12958 Datasheet(HTML) 2 Page - Ledil, Inc.

  C12958 Datasheet HTML 1Page - Ledil, Inc. C12958 Datasheet HTML 2Page - Ledil, Inc. C12958 Datasheet HTML 3Page - Ledil, Inc. C12958 Datasheet HTML 4Page - Ledil, Inc. C12958 Datasheet HTML 5Page - Ledil, Inc. C12958 Datasheet HTML 6Page - Ledil, Inc. C12958 Datasheet HTML 7Page - Ledil, Inc. C12958 Datasheet HTML 8Page - Ledil, Inc. C12958 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 288 page
background image
PRODUCT DATASHEET
Lenina series
last update 1/6/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CL-L340
71 deg
WWW-class 82 %
0.575
-
CLL03x/CLU03x
72 deg
WWW-class 88 %
0.610
-
CLU720/721
73 deg
WWW-class 85 %
0.560
-
CLU710/711
73 deg
WWW-class 90 %
0.590
-
CLL04x/CLU04x
71 deg
WWW-class 84 %
0.600
-
CLU730/731
71 deg
WWW-class 84 %
0.570
-
CLL04x/CLU04x
75 deg
WWW-class 93 %
0.580
Bender Wirth: 431 Typ L3
CLL04x/CLU04x
75 deg
WWW-class 89 %
0.540
Bender Wirth: 431 Typ L3
CLL03x/CLU03x
75 deg
WWW-class 94 %
0.620
Bender Wirth: 433 Typ L1
CLU700/701
75 deg
WWW-class 93 %
0.680
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
75 deg
WWW-class 93 %
0.640
Bender Wirth: 434 Typ L1
CLL03x/CLU03x
74 deg
WWW-class 89 %
0.580
Bender Wirth: 433 Typ L1
CLU700/701
73 deg
WWW-class 89 %
0.610
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
73 deg
WWW-class 89 %
0.590
Bender Wirth: 434 Typ L1
CLL04x/CLU04x
71 deg
WWW-class 88 %
0.600
IDEAL: 50-2204CT + 50-2100LN
CLL04x/CLU04x
73 deg
WWW-class 81 %
0.500
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CXA/B 30xx
72 deg
WWW-class 91 %
0.600
IDEAL: 50-2234C + 50-2100LN
CXA2011
72 deg
WWW-class 87 %
0.700
-
CXA2011
70 deg
WWW-class 82 %
0.600
-
CXA/B 15xx
70 deg
WWW-class 91 %
0.800
-
CXA/B 15xx
69 deg
WWW-class 86 %
0.700
-
CXA/B 25xx
70 deg
WWW-class 89 %
0.700
-
CXA/B 25xx
70 deg
WWW-class 84 %
0.600
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 75 deg
WWW-class 93 %
0.620
Bender Wirth: 437 Typ L1
CXA/B 15xx
75 deg
WWW-class 93 %
0.640
Bender Wirth: 441 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 74 deg
WWW-class 89 %
0.590
Bender Wirth: 437 Typ L1
CXA/B 15xx
73 deg
WWW-class 89 %
0.590
Bender Wirth: 441 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 73 deg
WWW-class 94 %
0.790
-
CXA/B 30xx
77 deg
WWW-class 87 %
0.600
IDEAL: 50-2234C + 50-2100LN
CXA/B 1816 & CXA/B 1820 & CXA 1850 73 deg
WWW-class 94 %
0.790
-
CHI3030 29W
75 deg
WWW-class 90 %
0.520
Bender Wirth: 468 Typ L3
CHI3030 19W
75 deg
WWW-class 94 %
0.550
Bender Wirth: 468 Typ L3
LUXEON CoB 1216/1812
74 deg
WWW-class 88 %
0.560
A.A.G. STUCCHI: 8102/G2 + S-8000/12
LUXEON CoB 1204/1205
73 deg
WWW-class 90 %
0.600
-
LUXEON CoB 1208
73 deg
WWW-class 91 %
0.600
-
LUXEON CoB 1216/1812
73 deg
WWW-class 94 %
0.620
LEDiL: LEDiL
LUXEON K12
72 deg
WWW-class 90 %
0.700
-
LUXEON K16
72 deg
WWW-class 86 %
0.640
-
LUXEON CoB 1204/1205
71 deg
WWW-class 86 %
0.600
-
LUXEON CoB 1208
72 deg
WWW-class 86 %
0.600
-
LUXEON K16
68 deg
WWW-class 80 %
0.600
-
LUXEON K12
68 deg
WWW-class 83 %
0.600
-
February 5th 2018 3:10 Copyright Ledil Oy - Subject to change without prior notice - Page 2/56
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com