Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C13101 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13101
Description  Lena Reflector
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13101 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13101 Datasheet HTML 1Page - Ledil, Inc. C13101 Datasheet HTML 2Page - Ledil, Inc. C13101 Datasheet HTML 3Page - Ledil, Inc. C13101 Datasheet HTML 4Page - Ledil, Inc. C13101 Datasheet HTML 5Page - Ledil, Inc. C13101 Datasheet HTML 6Page - Ledil, Inc. C13101 Datasheet HTML 7Page - Ledil, Inc. C13101 Datasheet HTML 8Page - Ledil, Inc. C13101 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 151 page
background image
PRODUCT DATASHEET
Lena series
last update 8/12/2017
DETAILS
Product Number
C13101_LENA-X-WAS
Family
Lena
Type
Reflector
Color
white
Diameter
111 mm
Height
37 mm
Style
round
Optic Material
HRPC
Holder Material
Fastening
glue
Status
production ready
ROHS Compliant
Yes
Date Updated
8/12/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
-
NULL deg
Asymmetric -
-
-
V13 Gen7
sim: AsymmetricAsymmetric sim: 87 % sim: 0.680 IDEAL: 50-2103CT + 50-2100LN
V10 Gen6
Asymmetric degAsymmetric 82 %
0.520
-
BXRA ES Rectangle
Asymmetric degAsymmetric 81 %
0.500
-
BXRA ES Rectangle
Asymmetric degAsymmetric 77 %
0.460
-
BXRA RS
Asymmetric degAsymmetric 87 %
0.500
-
BXRA RS
Asymmetric degAsymmetric 83 %
0.500
-
VERO29
Asymmetric degAsymmetric 89 %
0.510
-
VERO29
Asymmetric degAsymmetric 84 %
0.480
-
V22 Gen7
sim: AsymmetricAsymmetric sim: 90 % sim: 1.064 Bender Wirth: 431 Typ L3
VERO18
Asymmetric degAsymmetric 91 %
0.550
-
VERO13
Asymmetric degAsymmetric 92 %
0.550
-
V10 Gen7
sim: AsymmetricAsymmetric sim: 85 % sim: 0.670 Bender Wirth: 434 Typ L1
V13 Gen7
sim: AsymmetricAsymmetric sim: 91 % sim: 1.300 Bender Wirth: 477 Typ L1
V13 Gen7
sim: AsymmetricAsymmetric sim: 84 % sim: 0.650 IDEAL: 50-2103CT + 50-2100LN
CLL03x/CLU03x
Asymmetric degAsymmetric 81 %
1.160
-
CLU710/711
Asymmetric degAsymmetric 91 %
0.560
-
CLL04x/CLU04x
Asymmetric degAsymmetric 82 %
0.950
-
CLU730/731
Asymmetric degAsymmetric 84 %
0.540
-
CLL03x/CLU03x
Asymmetric degAsymmetric 80 %
0.500
-
CLU710/711
Asymmetric degAsymmetric 86 %
0.500
-
CLL04x/CLU04x
Asymmetric degAsymmetric 74 %
0.500
-
CL-L340
Asymmetric degAsymmetric 82 %
0.500
-
CL-L340
Asymmetric degAsymmetric 84 %
1.170
-
CLL04x/CLU04x
Asymmetric degAsymmetric 90 %
0.530
Bender Wirth: 431 Typ L3
February 5th 2018 3:09 Copyright Ledil Oy - Subject to change without prior notice - Page 1/20
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C13101

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C1310 VECTRON-C1310 Datasheet
217Kb / 7P
Typical Applications
C1310 VECTRON-C1310 Datasheet
192Kb / 5P
Surface Mount Package Reflow Process Compatible AT-Cut Crystal SONET Minimum Clock Specification
logo
General Cable Technolog...
C1310 GENERAL-C1310 Datasheet
73Kb / 1P
CONTROL CABLE
logo
Sumida Corporation
C13100 SUMIDA-C13100 Datasheet
152Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
logo
Vectron International, ...
C1310A1 VECTRON-C1310A1 Datasheet
192Kb / 5P
Surface Mount Package Reflow Process Compatible AT-Cut Crystal SONET Minimum Clock Specification
More results

Similar Description - C13101

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13191 CREE-CN13191 Datasheet
382Kb / 6P
Lena series
CN13192 CREE-CN13192 Datasheet
379Kb / 6P
Lena series
CN13193 CREE-CN13193 Datasheet
380Kb / 5P
Lena series
CN14088 CREE-CN14088 Datasheet
2Mb / 35P
Lena series
CN14090 CREE-CN14090 Datasheet
1Mb / 33P
Lena series
CN12367 CREE-CN12367 Datasheet
424Kb / 5P
Lena series
logo
Ledil, Inc.
C11979 LEDIL-C11979 Datasheet
7Mb / 176P
Lena Reflector
C11980 LEDIL-C11980 Datasheet
6Mb / 123P
Lena Reflector
C12154 LEDIL-C12154 Datasheet
9Mb / 225P
Lena Reflector
C12948 LEDIL-C12948 Datasheet
11Mb / 268P
Lena Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com