Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C13101 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # C13101
Description  Lena Reflector
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13101 Datasheet(HTML) 2 Page - Ledil, Inc.

  C13101 Datasheet HTML 1Page - Ledil, Inc. C13101 Datasheet HTML 2Page - Ledil, Inc. C13101 Datasheet HTML 3Page - Ledil, Inc. C13101 Datasheet HTML 4Page - Ledil, Inc. C13101 Datasheet HTML 5Page - Ledil, Inc. C13101 Datasheet HTML 6Page - Ledil, Inc. C13101 Datasheet HTML 7Page - Ledil, Inc. C13101 Datasheet HTML 8Page - Ledil, Inc. C13101 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 151 page
background image
PRODUCT DATASHEET
Lena series
last update 8/12/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
CLL04x/CLU04x
Asymmetric degAsymmetric 85 %
0.500
Bender Wirth: 431 Typ L3
CLL03x/CLU03x
Asymmetric degAsymmetric 91 %
0.570
Bender Wirth: 433 Typ L1
CLU720/721
Asymmetric degAsymmetric 91 %
0.570
Bender Wirth: 433 Typ L1
CLL04x/CLU04x
Asymmetric degAsymmetric 84 %
0.500
IDEAL: 50-2204CT + 50-2100LN
CXA/B 30xx
sim: AsymmetricAsymmetric sim: 82 % sim: 0.680 IDEAL: 50-2234C + 50-2100LN
CXA/B 15xx
Asymmetric degAsymmetric 88 %
0.580
-
CXA/B 15xx
Asymmetric degAsymmetric 84 %
0.520
-
CXA/B 25xx
Asymmetric degAsymmetric 82 %
0.600
-
CXA/B 25xx
Asymmetric degAsymmetric 73 %
0.900
-
CXA/B 25xx
Asymmetric degAsymmetric 78 %
0.500
-
CXA2011
Asymmetric degAsymmetric 83 %
0.500
-
CXA2011
Asymmetric degAsymmetric 80 %
0.500
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 Asymmetric degAsymmetric 90 %
0.570
Bender Wirth: 437 Typ L1
CXA/B 15xx
Asymmetric degAsymmetric 91 %
0.570
Bender Wirth: 441 Typ L1
CXA/B 1816 & CXA/B 1820 & CXA 1850 Asymmetric degAsymmetric 91 %
0.590
-
CXA/B 30xx
NULL deg
Asymmetric sim: 78 % 0.630
IDEAL: 50-2234C + 50-2100LN
LUXEON CoB 1216/1812
75 deg
Asymmetric 85 %
0.510
A.A.G. STUCCHI: 8102/G2 + S-8000/12
LUXEON K12
NULL deg
Asymmetric -
-
-
LUXEON K16
NULL deg
Asymmetric -
-
-
LUXEON K12
NULL deg
Asymmetric -
-
-
LUXEON K16
NULL deg
Asymmetric -
-
-
LUXEON CoB 1216/1812
Asymmetric degAsymmetric 92 %
0.570
LEDiL: LEDiL
LUXEON CoB 1216/1812
Asymmetric degAsymmetric 87 %
0.530
LEDiL: LEDiL
LUXEON CoB 1204/1205
NULL deg
Asymmetric sim: 83 % sim: 0.600 -
LUXEON CoB 1208
NULL deg
Asymmetric sim: 82 % sim: 0.600 -
LUXEON CoB 1204/1205
NULL deg
Asymmetric sim: 90 % sim: 0.800 -
LUXEON CoB 1208
NULL deg
Asymmetric sim: 90 % sim: 0.800 -
LUXEON CoB 1211
Asymmetric degAsymmetric 89 %
0.530
Bender Wirth: 431 Typ L3
LUXEON CoB 1211
Asymmetric degAsymmetric 85 %
0.490
Bender Wirth: 431 Typ L3
LUXEON CoB 1202/1203
Asymmetric degAsymmetric 91 %
0.600
Bender Wirth: 438 Typ L1
LUXEON CoB 1216/1812
Asymmetric degAsymmetric 81 %
0.480
A.A.G. STUCCHI: 8102/G2 + S-8000/12
CXM-14
Asymmetric degAsymmetric 88 %
0.550
-
CXM-22
Asymmetric degAsymmetric 86 %
0.500
LEDiL: LEDiL
CXM-14
Asymmetric degAsymmetric 83 %
0.500
-
CXM-22
Asymmetric degAsymmetric 79 %
0.500
LEDiL: LEDiL
CXM-14
NULL deg
Asymmetric sim: 91 % sim: 0.570 Bender Wirth: 433 Typ L1
COB L-Type (LES 9)
Asymmetric degAsymmetric 91 %
0.560
Bender Wirth: 438 Typ L1
COB J-Type
Asymmetric degAsymmetric 91 %
0.600
Bender Wirth: 463 Typ L2
COB L-Type (LES 11)
Asymmetric degAsymmetric 91 %
0.570
Bender Wirth: 438 Typ L1
Soleriq P13
Asymmetric degAsymmetric 87 %
0.550
IDEAL: 50-2101CR + 50-2100LN
Soleriq S15
sim: AsymmetricAsymmetric sim: 86 % sim: 0.600 -
Soleriq E30
NULL deg
Asymmetric -
-
-
February 5th 2018 3:09 Copyright Ledil Oy - Subject to change without prior notice - Page 2/20
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com