Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CL88020 Datasheet(PDF) 19 Page - Microchip Technology

Part # CL88020
Description  120 VAC Offline LED Driver Evaluation Board
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL88020 Datasheet(HTML) 19 Page - Microchip Technology

Back Button CL88020 Datasheet HTML 15Page - Microchip Technology CL88020 Datasheet HTML 16Page - Microchip Technology CL88020 Datasheet HTML 17Page - Microchip Technology CL88020 Datasheet HTML 18Page - Microchip Technology CL88020 Datasheet HTML 19Page - Microchip Technology CL88020 Datasheet HTML 20Page - Microchip Technology CL88020 Datasheet HTML 21Page - Microchip Technology CL88020 Datasheet HTML 22Page - Microchip Technology CL88020 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
 2017 Microchip Technology Inc.
DS50002611A-page 19
Figure 2-1 illustrates the connection between ADM00766 and ADM00767.
FIGURE 2-1:
Connection Diagram.
2.4
HOW DOES THE CL88020 120 VAC OFFLINE LED DRIVER EVALUATION
BOARD WORK?
The CL88020 120 VAC Offline LED Driver Evaluation Board is designed to control the
current through the four LED taps while maintaining high-input power factor (PF) and
low total harmonic distortion (THD). The CL88020 120 VAC Offline LED Driver Evalua-
tion Board includes a CL88020 IC, which is a sequential linear LED driver controlling
four taps. Tap sequencing assures the regulators are turned on and off at the proper
times. Tap sequencing also controls the smooth transition from one regulator to the
next without generating EMI-causing glitches in input current. Two concepts are
involved:
• The first is single-point control. All tap currents pass through a single control point.
This makes controlling overall input current easier than trying to control multiple
current paths.
• The second concept is called self-commutation. Using only the tap currents them-
selves, this technique inherently provides smooth transitions from one regulator to
the next without relying on tap voltages or the rectified AC to coordinate the transi-
tions. This avoids having to monitor high voltages and is more precise.
These two concepts work together to properly sequence the current regulators and to
provide glitch-free operation and thus avoiding conducted EMI.
The CL88020 120 VAC Offline LED Driver Evaluation Board and the CL88020 LED
Load Board contain all the circuitry necessary to perform, as well as overtemperature
protection (OTP), active line regulation (ALR) and output light ripple reduction.
The OTP protection operates linearly, gradually reducing output power as temperature
increases. This uses an inexpensive, external NTC thermistor to remotely sense LED
temperature. The thermistor is located on the LED load board, ADM00767, in close
proximity to the LEDs, providing near-direct LED temperature monitoring. The OTP
temperature is adjustable via selection of NTC resistance.
The ALR circuit maintains fairly constant output power over variations in AC line volt-
age. It is not a closed loop system that directly monitors and corrects output power.
Instead, it monitors the average voltage applied to the LED string and uses it to adjust
the reference voltage provided to the tap current regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com