Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CL88020 Datasheet(PDF) 22 Page - Microchip Technology

Part # CL88020
Description  120 VAC Offline LED Driver Evaluation Board
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL88020 Datasheet(HTML) 22 Page - Microchip Technology

Back Button CL88020 Datasheet HTML 18Page - Microchip Technology CL88020 Datasheet HTML 19Page - Microchip Technology CL88020 Datasheet HTML 20Page - Microchip Technology CL88020 Datasheet HTML 21Page - Microchip Technology CL88020 Datasheet HTML 22Page - Microchip Technology CL88020 Datasheet HTML 23Page - Microchip Technology CL88020 Datasheet HTML 24Page - Microchip Technology CL88020 Datasheet HTML 25Page - Microchip Technology CL88020 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
A.2
BOARD SCHEMATIC - ADM00766
GND
GND
GND
GND
GND
CMB02070X1809GB200
CRM2512-JW-100ELF
CU4032K150G2K1
150VAC
2 x C5750X7S2A156M250KB
600V
1A
GND
100k
1206
1%
R7
GND
TP9
TP10
TP6
TP7
TP5
TP8
TP3
TP4
TP14
TP13
TP12
TP11
TERMINAL 1x2
J1
OSTHD020080
1
2
3
4
5
6
7
8
J2
240V
4032
10%
MOV1
4
1
2
3
~
~
+
-
MB6S
D1
1M 0805 1%
R5
TP2
0R
1206
1%
R1
0R
1206
1%
R2
0R
1206
1%
R9
15uF
100V
2220
C3
15uF
100V
2220
C2
1
2
3
MMBD1503A
D3
1
2
3
MMBD1503A
D2
10R
2512
5%
R4
10R
2512
5%
R3
TP1
221k
0805
1%
R8
7.5R
0805
1%
R10
3.24R
0805
1%
R11
TAP1
1
TAP2
2
TAP3
3
TAP4
4
CS
5
OTP
6
BIAS
7
ALR
8
CL88020
IC1
28k
0805
1%
R6
4.7uF
25V
0805
C1
4.7uF
25V
0805
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com