Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3150LW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3150LW
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3150LW Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3150LW Datasheet HTML 1Page - Diodes Incorporated DMN3150LW Datasheet HTML 2Page - Diodes Incorporated DMN3150LW Datasheet HTML 3Page - Diodes Incorporated DMN3150LW Datasheet HTML 4Page - Diodes Incorporated DMN3150LW Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DMN3150LW
Document number: DS31514 Rev. 2 - 2
3 of 5
www.diodes.com
January 2016
© Diodes Incorporated
DMN3150LW
0
2
4
6
8
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 Typical Output Characteristics
DS
0
2
4
6
8
0.5
1
1.5
2
2.5
3
V
, GATE-SOURCE VOLTAGE (V)
Fig. 2 Typical Transfer Characteristics
GS
V
= 5V
Pulsed
DS
0
0.04
0.08
0.12
0.16
0
2
4
6
8
I , DRAIN CURRENT (A)
Fig. 3
D
On-Resistance
vs. Drain Current and Gate Voltage
V
= 4.5V
GS
V
= 10V
GS
V
= 2.5V
GS
Fig. 4 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
C
iss
C
oss
Crss
f = 1 MHz
T = 25癈
A
0.4
0.6
0.8
1.0
1.2
1.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (C)
A
Fig. 6 Normalized Static Drain-Source On-Resistance
vs. Ambient Temperature
V
= 4.5V
I = 1.6A
GS
D
f = 1MHz
TA = 25
oC
(
oC)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com