Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATECC508A Datasheet(PDF) 50 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 50 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 46Page - Microchip Technology ATECC508A Datasheet HTML 47Page - Microchip Technology ATECC508A Datasheet HTML 48Page - Microchip Technology ATECC508A Datasheet HTML 49Page - Microchip Technology ATECC508A Datasheet HTML 50Page - Microchip Technology ATECC508A Datasheet HTML 51Page - Microchip Technology ATECC508A Datasheet HTML 52Page - Microchip Technology ATECC508A Datasheet HTML 53Page - Microchip Technology ATECC508A Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 109 page
background image
Table 8-2. AC Parameters: All I/O Interfaces
Parameter
(Note)
Symbol
Direction
Min
Typ Max Unit Conditions
Power-Up Delay
tPU
To Crypto
Authentication
100
—
µs
Minimum time between VCC >
VCC min prior to measurement
of tWLO.
Wake Low
Duration
tWLO
To Crypto
Authentication
60
—
µs
Wake High Delay
to Data Comm.
tWHI
To Crypto
Authentication
1500
µs
SDA should be stable high for
this entire duration.
High Side Glitch
Filter at Active
tHIGNORE_A To Crypto
Authentication
45(Note)
ns
Pulses shorter than this in
width will be ignored by the
device, regardless of its state
when active.
Low Side Glitch
Filter at Active
tLIGNORE_A To Crypto
Authentication
45(Note)
ns
Pulses shorter than this in
width will be ignored by the
device, regardless of its state
when active.
Low Side Glitch
Filter at Sleep
tLIGNORE_S To Crypto
Authentication
15(Note)
µs
Pulses shorter than this in
width will be ignored by the
device when in sleep mode.
Watchdog
Timeout
tWATCHDOG To Crypto
Authentication
0.7
1.3
1.7
s
Maximum time from wake until
device is forced into sleep
mode. See Section Watchdog
Failsafe.
Note:  These parameters are guaranteed through characterization, but not tested.
8.3.1
AC Parameters: Single-Wire Interface
Figure 8-2. AC Timing Diagram: Single-Wire Interface
t
START
t
ZHI
t
ZLO
Logic Ø
t
START
t
BIT
Logic 1
t
START
t
TURNAROUND
t
START
SDA
Table 8-3. AC Parameters: Single-Wire Interface
Unless otherwise specified, applicable from TA = -40°C to +85°C, VCC = +2.0V to +5.5V, CL =100 pF.
ATECC508A
Electrical Characteristics
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com