Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATECC508A Datasheet(PDF) 88 Page - Microchip Technology

Part # ATECC508A
Description  Cryptographic Co-processor with Secure Hardware-Based Key Storage
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC508A Datasheet(HTML) 88 Page - Microchip Technology

Back Button ATECC508A Datasheet HTML 84Page - Microchip Technology ATECC508A Datasheet HTML 85Page - Microchip Technology ATECC508A Datasheet HTML 86Page - Microchip Technology ATECC508A Datasheet HTML 87Page - Microchip Technology ATECC508A Datasheet HTML 88Page - Microchip Technology ATECC508A Datasheet HTML 89Page - Microchip Technology ATECC508A Datasheet HTML 90Page - Microchip Technology ATECC508A Datasheet HTML 91Page - Microchip Technology ATECC508A Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 109 page
background image
1.
External Mode
The public key to be used is an input to the command. Prior to this command being run, the
message should be written to TempKey using the Nonce command. In this mode the device merely
accelerates the public key computation and returns a boolean result.
2.
Stored Mode
The public key to be used is found in the KeyID EEPROM slot. The message should have been
previously stored in TempKey. If the following configuration checks for the public key at KeyID
succeed, the public key verification computation is performed and a boolean result is returned to
the system; otherwise, the command returns an execution error.
–
If KeyConfig.PubInfo is one, then the key must have been previously validated using the
Verify command.
–
If KeyConfig.ReqAuth is set, then a previous key authorization must have been performed
with either the Verify or CheckKey commands based on the key in KeyConfig.AuthKey.
–
If KeyConfig.KeyType indicates an ECC curve not supported by the device or indicates “Not
an ECC Key,” then this command will fail.
–
This mode is used to set the key authorization information when the KeyConfig.AuthKey field
within some other slot points to KeyID. If the verification succeeds, then an internal AuthValid
flag will be set and KeyID internally retained in AuthKeyID. See Section Authorized Keys.
–
Data1 and Data2 must be 32 bytes, and Data3 & Data4 should be zero length.
3.
Validate and Invalidate Modes
The Validate and Invalidate modes are used to validate or invalidate the public key stored in the
EEPROM at KeyID. The signature is input to the device and a partial message should be in
TempKey. The verifying public key is found at SlotConfig.ReadKey, and the ECDSA Verify message
is composed of KeyID and TempKey, formatted as noted below. Only KeyIDs 8 – 15 can be
validated; therefore, this command will return an error if KeyID is 0 – 7.
–
If the ECC verification passes, then the most significant four bits of the first byte of Block 0 of
the public key at KeyID will be set to 0x5 for Validate and 0xA for Invalidate. See Section
ECC Key Formatting.
–
Key (in)validation takes place regardless of the state of the LockValue byte and/or the
SlotLocked bit corresponding to this slot.
–
If the X509format<KeyConfig.X509id> byte corresponding to the specified key is non-zero,
then the Verify command will return an error.
Key invalidation works in conjunction with WriteConfig(Bit 12) as shown in Section Write
Permissions to control update of public keys by limiting the options for a fraudulent write
leading to a denial of service. Key Invalidation is supported on the ATECC508A only.
OtherData<17>.Bit0 represents the validity of the key being acted on. It must be a ‘0’ (invalid)
to permit the Validation operation, or a ‘1’ (valid) to permit the Invalidation operation. If
OtherData<17>.Bit0 does not match Mode<2> in Validate/Invalidate modes, then this
command will return an error.
Data1 and Data2 sizes are the same as stored mode.
4.
ValidateExternal Mode
The ValidateExternal mode is used to validate the public key stored in the EEPROM at KeyID when
X.509 format certificates are to be used. The digest of the message must be TempKey. TempKey
must have been generated using the SHA(Public) command, and the key for that computation
must be the same as KeyID. The verifying public key is found at SlotConfig.ReadKey, and the
ATECC508A
Security Commands
© 2017 Microchip Technology Inc.
Datasheet Complete
DS20005927A-page 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com