Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8285CP-EBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD8285CP-EBZ
Description  Radar Receive Path AFE: 4-Channel LNA/PGA/AAF
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8285CP-EBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8285CP-EBZ Datasheet HTML 14Page - Analog Devices AD8285CP-EBZ Datasheet HTML 15Page - Analog Devices AD8285CP-EBZ Datasheet HTML 16Page - Analog Devices AD8285CP-EBZ Datasheet HTML 17Page - Analog Devices AD8285CP-EBZ Datasheet HTML 18Page - Analog Devices AD8285CP-EBZ Datasheet HTML 19Page - Analog Devices AD8285CP-EBZ Datasheet HTML 20Page - Analog Devices AD8285CP-EBZ Datasheet HTML 21Page - Analog Devices AD8285CP-EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Data Sheet
AD8285
Rev. B | Page 17 of 27
Figure 30. Single-Ended 1.8 V CMOS Sample Clock
Figure 31. Single-Ended 3.3 V CMOS Sample Clock
CLOCK DUTY CYCLE CONSIDERATIONS
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs may
be sensitive to the clock duty cycle. Commonly, a 5% tolerance is
required on the clock duty cycle to maintain dynamic performance
characteristics. The AD8285 contains a duty cycle stabilizer (DCS)
that retimes the nonsampling edge, providing an internal clock
signal with a nominal 50% duty cycle. The DCS allows a wide
range of clock input duty cycles without affecting the performance
of the AD8285.
When the DCS is on, noise and distortion performance are nearly
flat for a wide range of duty cycles. However, some applications
may require the DCS function to be off. If so, keep in mind that the
dynamic range performance can be affected when operating in this
mode. See Table 9 for more information about using this feature.
The duty cycle stabilizer uses a delay-locked loop (DLL) to create
the nonsampling edge. As a result, any changes to the sampling
frequency require approximately eight clock cycles to allow the
DLL to acquire and lock to the new rate.
CLOCK JITTER CONSIDERATIONS
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency (fA)
due only to aperture jitter (tJ) can be calculated by
SNR Degradation = 20 × log 10[1/2 × π × fA × tJ]
In this equation, the rms aperture jitter represents the root
mean square of all jitter sources, including the clock input, analog
input signal, and ADC aperture jitter. Intermediate frequency
undersampling applications are particularly sensitive to jitter.
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD8285. Separate power
supplies for clock drivers from the ADC output driver supplies
to avoid modulating the clock signal with digital noise. Low jitter,
crystal-controlled oscillators make the best clock sources, such
as the Valpey Fisher VFAC3 series. If the clock is generated from
another type of source (by gating, dividing, or other methods),
retime it by the original clock during the last step.
Refer to the AN-501 Application Note and the AN-756 Application
Note for more in-depth information about how jitter performance
relates to ADCs.
SDIO PIN
The SDIO pin is required to operate the SPI. It has an internal
30 kΩ pull-down resistor that pulls this pin low and is only 1.8 V
tolerant. If applications require that this pin be driven from a
3.3 V logic level, insert a 1 kΩ resistor in series with this pin to
limit the current.
SCLK PIN
The SCLK pin is required to operate the SPI port interface. It
has an internal 30 kΩ pull-down resistor that pulls this pin low
and is both 1.8 V and 3.3 V tolerant.
CS PIN
The CS pin is required to operate the SPI port interface. It has
an internal 70 kΩ pull-up resistor that pulls this pin high and is
both 1.8 V and 3.3 V tolerant.
RBIAS PIN
To set the internal core bias current of the ADC, place a resistor
nominally equal to 10.0 kΩ to ground at the RBIAS pin. Using
anything other than the recommended 10.0 kΩ resistor for RBIAS
degrades the performance of the device. Therefore, it is imperative
that at least a 1.0% tolerance on this resistor be used to achieve
consistent performance.
0.1µF
0.1µF
0.1µF
39kΩ
1.8V
CMOS DRIVER
50Ω*
OPTIONAL
100Ω
0.1µF
CLK
CLK
*50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD8285
3.3V
OUT
VFAC3
AD951x/AD952x
FAMILY
0.1µF
0.1µF
CMOS DRIVER
3.3V
50Ω*
OPTIONAL
100Ω
0.1µF
CLK
CLK
*50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD8285
3.3V
OUT
VFAC3
0.1µF
AD951x/AD952x
FAMILY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com