Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDC960 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC960
Description  200-MHz CLOCK SYNTHESIZER/DRIVER WITH SPREAD SPECTURM CAPABILITY AND DEVICE CONTROL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC960 Datasheet(HTML) 4 Page - Texas Instruments

  CDC960 Datasheet HTML 1Page - Texas Instruments CDC960 Datasheet HTML 2Page - Texas Instruments CDC960 Datasheet HTML 3Page - Texas Instruments CDC960 Datasheet HTML 4Page - Texas Instruments CDC960 Datasheet HTML 5Page - Texas Instruments CDC960 Datasheet HTML 6Page - Texas Instruments CDC960 Datasheet HTML 7Page - Texas Instruments CDC960 Datasheet HTML 8Page - Texas Instruments CDC960 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CDC960
200MHz CLOCK SYNTHESIZER/DRIVER
WITH SPREAD SPECTRUM CAPABILITY AND DEVICE CONTROL INTERFACE
SCAS675 – APRIL 2002
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
24/48_SEL
VDD
2 x CPU
SDATA
SMBus
25
48 MHz
PLL
SPREAD
SPECTRUM
24
6 x PCI
33 MHz
(13, 14, 17, 18, 21, 22)
1 x PCI_F
33 MHz
(23)
/2
3 x PCI/LDT
(36, 40)
FS0, FS1, FS2
(1, 45, 48)
1 x USB
48 MHz
(31)
1 x FDC
24/48 MHz
(28)
6
/2
/3
/4
Control
Logic
XIN
3
XOUT
4
Xtal
Oscillator
26
SCLK
CPU
PLL
33/66 MHz
(7, 8, 11)
(200/166/133/100 MHz)
SPREAD
3 x REF
14.318 MHz
(200/166/133/100 MHz)
1
0
44
12
(37, 41)
/2
/2
/5
/6
VDD
VDD
PCI_Stop
PCI/LDT_SEL
LDT_Stop
VDD
VDD
2 x CPU
@ Power Up
@ Power Up



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com