Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDC960 Datasheet(PDF) 10 Page - Texas Instruments

Part # CDC960
Description  200-MHz CLOCK SYNTHESIZER/DRIVER WITH SPREAD SPECTURM CAPABILITY AND DEVICE CONTROL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC960 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDC960 Datasheet HTML 2Page - Texas Instruments CDC960 Datasheet HTML 3Page - Texas Instruments CDC960 Datasheet HTML 4Page - Texas Instruments CDC960 Datasheet HTML 5Page - Texas Instruments CDC960 Datasheet HTML 6Page - Texas Instruments CDC960 Datasheet HTML 7Page - Texas Instruments CDC960 Datasheet HTML 8Page - Texas Instruments CDC960 Datasheet HTML 9Page - Texas Instruments CDC960 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CDC960
200MHz CLOCK SYNTHESIZER/DRIVER
WITH SPREAD SPECTRUM CAPABILITY AND DEVICE CONTROL INTERFACE
SCAS675 – APRIL 2002
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
SMBus configuration command bitmap
Byte 0: Frequency and Spread Spectrum Control Register (see Note 1)
(H = Enable, L = Disable)
BIT
TYPE
PUD†
DESCRIPTION
PIN AFFECTED
(WRITE
OPERATION)
SOURCE PIN
(READ
OPERATION)
7
R/W
L
Write disable (write once). A 1 written to this bit after a 1 has been written to
Byte0, Bit0 disables modification of all configuration registers until the de-
vice has been powered off.
—
Register value
Spread spectrum enable. This bit provides a software programmable con-
trol forspread spectrum clocking. The truth table for SSC is as follows:
Spread (ext. Pin)
Byte0, Bit6
SSC Function
6
R/W
L
L
L
Disabled
—
Register value
6
R/W
L
L
H
Enabled
—
Register value
H
L
Enabled
H
H
Enabled
5
R/W
L
FS4 (corresponds to frequency selection table)
—
Register value
4
R/W
L
FS3 (corresponds to frequency selection table)
—
Register value
3
R/W
Externally
selected‡
FS2 (corresponds to frequency selection table). If write is enabled, this bit
can be set differently than the power-up condition.
—
45 at power up
2
R/W
Externally
selected‡
FS1 (corresponds to frequency selection table). If write is enabled, this bit
can be set differently than the power-up condition.
—
48 at power up
1
R/W
Externally
selected‡
FS0 (corresponds to frequency selection table). If write is enabled, this bit
can be set differently than the power-up condition.
—
1 at power up
0
R/W
L
Write Enable. A 1 written to this bit after power up enables modification of all
configuration registers and subsequent 0s written to this bit disable modifi-
cation of all configuration registers except this single bit. Note that when a 1
has been written to Byte0, Bit 7, all modification is permanently disabled un-
til the device power cycles. Note also, that block write transactions to the
interface are completed. However, unless the interface has been previously
unlocked, the writes have no effect.
—
Register value
† PUD = Power-up condition
‡ The value of this bit is according to level applied to corresponding device pin at power up.
NOTE 1: Byte0, Bit0 controls the write enable status for the device SMBus. If a 1 is written to Byte0, Bit0, the SMBus registers are write enabled.
Once write has been enabled, a new block write protocol must be sent to the device to program the desired register values. Once after
power up a 1 is written to Byte0, Bit0, the device functionality is according to the settings of the different registers. E.g., the device function
table is according to setting of Bits[1
…6] of Byte0 and other functions are according to corresponding SMBus register settings.
If a 0 is written to Byte0, Bit0, write is disabled and the device function is according to the previous settings of the last write cycle.
Byte 1: PCI Clock Control Register
(H = Enable, L = Disable)
BIT
TYPE
PUD†
DESCRIPTION
PIN AFFECTED
(WRITE OPERATION)
SOURCE PIN
(READ OPERATION)
7
R/W
H
PCI/LDT1 enable
8
Register value
6
R/W
H
PCI/LDT0 enable
7
Register value
5
R/W
H
PCI5 enable
22
Register value
4
R/W
H
PCI4 enable
21
Register value
3
R/W
H
PCI3 enable
18
Register value
2
R/W
H
PCI2 enable
17
Register value
1
R/W
H
PCI1 enable
14
Register value
0
R/W
H
PCI0 enable
13
Register value
† PUD = Power-up condition



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com