Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN62D1LFD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN62D1LFD
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN62D1LFD Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN62D1LFD Datasheet HTML 1Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 2Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 3Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 4Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 5Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 6Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN62D1LFD
Document number: DS36476 Rev. 2 - 2
4 of 7
www.diodes.com
July 2017
© Diodes Incorporated
DMN62D1LFD
T , JUNCTION TEMPERATURE ( C)
Figure 7 On-Resistance Variation with Temperature
J
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
V
=
V
I = 100mA
GS
D
2.5
V
= V
I = 200mA
GS
D
4
0
0.2
0.4
0.6
0.8
1
1.2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8 Gate Threshold Variation vs Junction
Temperature
I
D = 1mA
I
D = 250μA
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
1
10
100
0
10
20
30
40
f = 1MHz
C
iss
C
oss
Crss
Q
(nC)
g, TOTAL GATE CHARGE
Figure 11 Gate Charge
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V
= 10V
I =
A
DS
D
250m
0.001
0.01
0.1
1
10
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
T
J(Max) = 150℃
T
C = 25℃
Single Pulse
DUT on 1*MRP
Board
V
GS = 4.5V
R
DS(ON)
Limited
DC
P
W = 10s
P
W = 1s
P
W = 100ms
P
W = 10ms
P
W = 1ms
P
W = 100µs
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
I
,
S
O
U
R
C
E
C
U
R
R
E
N
T
(
A
)
S
0
0.1
0.2
0.3
0.4
0.5
0
0.3
0.6
0.9
1.2
1.5
T = 125°C
A
T = 150°C
A
T = -55°C
A
T = 25°C
A
T = 85°C
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com