Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN62D1LFD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN62D1LFD
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN62D1LFD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN62D1LFD Datasheet HTML 1Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 2Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 3Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 4Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 5Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 6Page - Diodes Incorporated DMN62D1LFD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN62D1LFD
Document number: DS36476 Rev. 2 - 2
1 of 7
www.diodes.com
July 2017
© Diodes Incorporated
DMN62D1LFD
D
S
G
Gate Protection
Diode
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON)
ID
TA = +25°C
60V
2
Ω @ VGS = 4V
400mA
2.5
Ω @ VGS = 2.5V
350mA
Description and Applications
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
DC-DC Converters
Power Management Functions
Battery Operated Systems and Solid-State Relays
Drivers:
Relays,
Solenoids,
Lamps,
Hammers,
Displays,
Memories, Transistors, etc.
Features and Benefits
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
ESD Protected
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: U-DFN1212-3 (Type C)
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: NiPdAu over Copper Leadframe. Solderable per MIL-
STD-202, Method 208
Terminal Connections: See Diagram
Weight: 0.005 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
DMN62D1LFD-7
Standard
U-DFN1212-3
3,000/Tape & Reel
DMN62D1LFD-13
Standard
U-DFN1212-3
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green" products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2013
2014
2015
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
Code
A
B
C
D
E
F
G
H
I
J
K
L
M
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Bottom View
K64 = Product Type Marking Code
K63 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: E = 2017)
M = Month (ex: 9 = September)
G pin
K63
YM
Pin-Out Top View
D
S
G
Equivalent Circuit
K64
YM
ESD PROTECTED
e4


Similar Part No. - DMN62D1LFD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN62D1LFD DIODES-DMN62D1LFD Datasheet
366Kb / 6P
Low On-Resistance
Rev 1
DMN62D1LFD-13 DIODES-DMN62D1LFD-13 Datasheet
366Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN62D1LFD-13 DIODES-DMN62D1LFD-13 Datasheet
366Kb / 6P
Low On-Resistance
Rev 1
DMN62D1LFD-7 DIODES-DMN62D1LFD-7 Datasheet
366Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN62D1LFD-7 DIODES-DMN62D1LFD-7 Datasheet
366Kb / 6P
Low On-Resistance
Rev 1
More results

Similar Description - DMN62D1LFD

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com