Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN95H2D2HCTI Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN95H2D2HCTI
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN95H2D2HCTI Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN95H2D2HCTI Datasheet HTML 1Page - Diodes Incorporated DMN95H2D2HCTI Datasheet HTML 2Page - Diodes Incorporated DMN95H2D2HCTI Datasheet HTML 3Page - Diodes Incorporated DMN95H2D2HCTI Datasheet HTML 4Page - Diodes Incorporated DMN95H2D2HCTI Datasheet HTML 5Page - Diodes Incorporated DMN95H2D2HCTI Datasheet HTML 6Page - Diodes Incorporated DMN95H2D2HCTI Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN95H2D2HCTI
Document number: DS39275 Rev. 2 - 2
4 of 7
www.diodes.com
June 2017
© Diodes Incorporated
DMN95H2D2HCTI
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Junction
Temperature
V
GS = 10V, ID = 3A
2.5
3
3.5
4
4.5
5
5.5
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D = 1mA
I
D = 250µA
0
1
2
3
4
5
6
7
8
9
10
0
0.3
0.6
0.9
1.2
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
V
GS = 0V
T
J = -55
oC
T
J = 25
oC
T
J = 85
oC
T
J = 125
oC
T
J = 150
oC
0
1
10
100
1000
10000
0
20
40
60
80 100 120 140 160 180 200
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 11. Typical Junction Capacitance
f = 1MHz
C
iss
C
oss
C
rss
0
2
4
6
8
10
0
2
4
6
8
10
12
14
16
18
20
22
Q
g (nC)
Figure 10. Gate Charge
V
DS = 720V, ID = 6A
0.001
0.01
0.1
1
10
1
10
100
1000
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(Max) = 150℃
T
C = 25℃
Single Pulse
DUT on 1*MRP Board
V
GS = 20V
R
DS(ON)
Limited
DC
P
W = 10s
P
W = 1s
P
W = 100ms
P
W = 10ms
P
W = 1ms
P
W = 100µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com