Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDAXLC5-1U2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDAXLC5-1U2
Description  Low clamping, single-line unidirectional ESD protection for high speed interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXLC5-1U2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ESDAXLC5-1U2 Datasheet HTML 2Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 3Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 4Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 5Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 6Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 7Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 8Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 9Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Package information
ESDAXLC5-1U2
6/12
DocID028771 Rev 1
Note:
Product marking may be rotated by 180° for assembly plant differentiation. In no case
should this product marking be used to orient the component for its placement on a PCB.
Only pin 1 mark is to be used for this purpose.
Table 3. 0201 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.23
0.28
0.33
0.0091
0.0110
0.0130
b1
0.20
0.25
0.30
0.0079
0.0098
0.0118
b2
0.20
0.25
0.30
0.0079
0.0098
0.0118
D
0.25
0.30
0.35
0.0099
0.0118
0.0138
E
0.55
0.60
0.65
0.0217
0.0236
0.0256
e
0.35
0.0138
L1
0.13
0.18
0.23
0.0052
0.0071
0.0091
L2
0.14
0.19
0.24
0.0055
0.0075
0.0095
Figure 10. Footprint, dimensions in mm
(inches)
Figure 11. Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com