Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDAXLC5-1U2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDAXLC5-1U2
Description  Low clamping, single-line unidirectional ESD protection for high speed interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXLC5-1U2 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDAXLC5-1U2 Datasheet HTML 1Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 2Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 3Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 4Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 5Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 6Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 7Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 8Page - STMicroelectronics ESDAXLC5-1U2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
ESDAXLC5-1U2
4/12
DocID028771 Rev 1
Figure 3. Leakage current versus junction
temperature (typical values)
Figure 4. Junction capacitance versus
frequency (typical values)
Figure 5. ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 6. ESD response to IEC 61000-4-2
(-8 kV contact discharge)
Figure 7. S21 attenuation measurement results
Figure 8. TLP measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com