| Electronic Components Datasheet Search |
|
AD7293BCPZ Datasheet(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7293BCPZ Datasheet(HTML) 32 Page - Analog Devices |
|
32 / 78 page ![]() AD7293 Data Sheet Rev. B | Page 32 of 78 REGISTERS COMMON TO ALL PAGES A number of registers is common to all pages. The register function is the same for all pages. No Op Register (Register 0x00) The no op register does not physically exist and this address space is reserved to prevent any writes to the device when the input data line is held low. Page Select Pointer Register (Register 0x01) This 8-bit pointer register selects the page that the user is trying to access. A read of this register indicates the page the user is currently pointing to. The two MSBs are reserved and the six LSBs can be written to select any of the pages. Conversion Command (Register 0x02) The conversion command register is a special 8-bit register used to initiate a conversion. To command a conversion, write the command register address to the device with the MSB read bit set. When the device address pointer register receives a special conversion command, the previous contents of the address pointer are retained and used to determine which channel to convert. If pointing to the sequence register, the next channel in the sequence converts. Result Register (Register 0x03) The 16-bit, read only ADC data register provides read access to the most recent ADC conversion result in command mode. Otherwise, it is necessary for the application software to keep track of what channel was converted. DAC Enable Register (Register 0x04) This 8-bit register enables the DACs. See Table 20. GPIO Register (Register 0x05) This 8-bit register configures the GPIOs in the device. In GPIO mode, and with the output drivers enabled, the GPIO outputs reflect the value written to this register. In functional mode, any write to this register has no effect on the GPIO outputs. The status (high/low) of the GPIO pins can be read back by reading this register (both in functional and GPIO modes). See Table 21. Device ID Register (Register 0x0C) This 16-bit read-only register stores the Device ID assigned to Analog Devices, Inc. See Table 22 for more information. Software Reset Register (Register 0x0F) To issue a software reset write a specific value, 0x7293, to this 16-bit register and pull CS high. The user must write 0x0000 to this register to clear it following the software reset. See Table 23. Table 20. DAC Enable Register Bit Number(s) Bit Name Description D7 BI-VOUT3 0: disable. 1: enable. D6 BI-VOUT2 0: disable. 1: enable. D5 BI-VOUT1 0: disable. 1: enable. D4 BI-VOUT0 0: disable. 1: enable. D3 UNI-VOUT3 0: disable. 1: enable. D2 UNI-VOUT2 0: disable. 1: enable. D1 UNI-VOUT1 0: disable. 1: enable. D0 UNI-VOUT0 0: disable. 1: enable. Table 21. GPIO Register Bit Number(s) Bit Name Description D7 GPIO7 0: disable. 1: enable. D6 GPIO6 0: disable. 1: enable. D5 GPIO5 0: disable. 1: enable. D4 GPIO4 0: disable. 1: enable. D3 GPIO3 0: disable. 1: enable. D2 GPIO2 0: disable. 1: enable. D1 GPIO1 0: disable. 1: enable. D0 GPIO0 0: disable. 1: enable. Table 22. Device ID Register Bit Number(s) Bit Name Description [15:0] ID register Analog Devices, Device ID = 0x0018 Table 23. Software Reset Register Bit Number(s) Bit Name Description [15:0] Reset register Software reset = 0x7293 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |