Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7293BCPZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD7293BCPZ
Description  12-Bit Power Amplifier Current Controller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7293BCPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7293BCPZ Datasheet HTML 19Page - Analog Devices AD7293BCPZ Datasheet HTML 20Page - Analog Devices AD7293BCPZ Datasheet HTML 21Page - Analog Devices AD7293BCPZ Datasheet HTML 22Page - Analog Devices AD7293BCPZ Datasheet HTML 23Page - Analog Devices AD7293BCPZ Datasheet HTML 24Page - Analog Devices AD7293BCPZ Datasheet HTML 25Page - Analog Devices AD7293BCPZ Datasheet HTML 26Page - Analog Devices AD7293BCPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
Data Sheet
AD7293
Rev. B | Page 23 of 78
The AD7293 high-side current sense amplifier is configured as
a differential integrator.
Figure 39. Current Sensor Internal Diagram
Before each measurement, the integrator is held in a reset state
for 9.2 µs. The input is then connected and measured for a
programmable amount of time, resulting in a gain equal to the
following:
Gain = Integration Time/(224 kΩ × 6 pF)
Table 14. Current Sensor Gain Settings
Code
Typical
Gain
Voltage Across
RSENSE1 (mV)
Typical
Integration
Time (µs)
0000 (Default)
6.25
±200
8.4
0001
12.5
±100
16.8
0010
18.75
±66.67
25.2
0011
25
±50
33.6
0100
37.5
±33.33
50.4
0101
50
±25
67.2
0110
75
±16.67
100.8
0111
100
±12.5
134.4
1000
200
±6.25
268.8
1001
400
±3.125
537.6
1010
781.25
±1.6
1050
1
RSENSE is the external sense resistor.
When integration is complete, the input switches open, keeping
the output constant until the ADC completes its conversion of
the output signal. If no other ADC channels are enabled, the
conversion takes an additional 4.2 µs. Otherwise, the current
sense amplifier waits for its turn in the ADC conversion
sequence before resetting and starting a new measurement.
Keep the external source impedance low with respect to the
input resistance of the integrator to avoid creating a gain error.
Calculate the current sensor input channel LSB as follows:
VSENSE LSB = (2 × REFADC)/(Gain × 4096)
VRSx+ − VRSx− = −REFADC/Gain, with DOUT = 0x000
VRSx+ − VRSx− = 0 V, with DOUT = 0x7FF
VRSx+ − VRSx− = REFADC/Gain, with DOUT = 0xFFF
where:
VSENSE LSB is the current sense input channel LSB size in volts.
VRSx+ is the voltage for the RSx+ pins.
VRSx− is the voltage for the RSx− pins.
REFADC = 1.25 V.
Gain can be set between 6.25 and 781.25 as shown in Table 14.
ISENSE LSB = 2 × (REFADC/(Gain × 4096 × RSENSE))
where:
ISENSE LSB is the current sense input channel LSB size in
amperes.
RSENSE is the external sense resistor.
Choosing the External Sense Resistor (RSENSE)
The resistor values used in conjunction with the current sense
amplifiers on the AD7293 are determined by the specific applica-
tion requirements in terms of voltage, current, and power.
Small resistors minimize power dissipation, have low induct-
ance to prevent induced voltage spikes, and have good tolerance,
which reduces current variations. The final values chosen are a
compromise between low power dissipation and good accuracy.
Low value resistors have less power dissipation and good accu-
racy; however, higher value resistors may be required to use the
full input range of the ADC.
When the sense current is known, the voltage range of the
AD7293 current sensor is divided by the maximum sense
current to yield a suitable resistor value. If the power dissipation
in the shunt resistor is too large, the shunt resistor can be
reduced, in which case, the current sensor gain can be increased
to maximize the ADC input range used.
RSENSE must be able to dissipate the I2R losses. If the power
dissipation rating of the resistor is exceeded, its value may drift,
or the resistor may be damaged, resulting in an open circuit. If
the power dissipation of the resistor is exceeded, it can result in
a differential voltage across the AD7293 terminals in excess of
the absolute maximum ratings.
)
(MAX
SENSE
SENSE
I
Range
Voltage
Input
Sensor
Current
R
≤
where:
RSENSE is the value of the current sense resistor in Ω.
Current Sensor Input Voltage Range is the current sensor
amplifier input voltage range as dictated by the gain setting
chosen (see Table 14).
ISENSE (MAX) is the maximum current required in A.
TEMPERATURE SENSOR
The AD7293 contains one local and two remote temperature
sensors. The temperature sensors can continuously monitor the
three temperature inputs, and new readings are automatically
available every 5 ms.
The on-chip temperature sensor measures the device die
temperature. The internal temperature sensor measures
between −40°C and 125°C, where the LSB size is 0.125°C.
The AD7293 includes two remote temperate sensors. The
device is factory calibrated to work with 2N3906 discrete
transistors.
224kΩ
224kΩ
+
–
–
+
6pF
6pF
RESET
RESET
RSx+
RSx–
RESET, HOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com