Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP461EVM-CVAL Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP461EVM-CVAL
Description  Radiation Hardened Remote and Local Digital Temperature Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP461EVM-CVAL Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP461EVM-CVAL Datasheet HTML 2Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 3Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 4Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 5Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 6Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 7Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 8Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 9Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BUF)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
P
S
S
P
6
TMP461-SP
SBOS876A – SEPTEMBER 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: TMP461-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Two-Wire Timing Requirements
At –55°C to 125°C and V+ = 1.7 V to 3.6 V, unless otherwise noted.
FAST MODE
HIGH-SPEED MODE
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
0.001
0.4
0.001
2.17
MHz
t(BUF)
Bus free time between stop and start condition
1300
160
ns
t(HDSTA)
Hold time after repeated start condition.
After this period, the first clock is generated.
600
160
ns
t(SUSTA)
Repeated start condition setup time
600
160
ns
t(SUSTO)
Stop condition setup time
600
160
ns
t(HDDAT)
Data hold time
0
900
0
150
ns
t(SUDAT)
Data setup time
100
40
ns
t(LOW)
SCL clock low period
1300
320
ns
t(HIGH)
SCL clock high period
600
60
ns
tF – SDA
Data fall time
300
130
ns
tF, tR – SCL
Clock fall and rise time
300
40
ns
tR
Rise time for SCL
≤ 100 kHz
1000
ns
(1)
MIL-STD-883, Method 5005 - Group A
Table 1. Quality Conformance Inspection(1)
SUBGROUP
DESCRIPTION
TEMPERATURE (°C)
1
Static tests at
25
2
Static tests at
125
3
Static tests at
–55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
–55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
–55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
–55
Figure 1. Two-Wire Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com