Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP461EVM-CVAL Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP461EVM-CVAL
Description  Radiation Hardened Remote and Local Digital Temperature Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP461EVM-CVAL Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP461EVM-CVAL Datasheet HTML 9Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 10Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 11Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 12Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 13Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 14Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 15Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 16Page - Texas Instruments TMP461EVM-CVAL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
50
60
70
80
90
100
ALERT
THERM Limit
THERM Limit - Hysteresis
High Temperature Limit
THERM
110
120
130
140
150
Temperature Conversion Complete
Time
Measured
Temperature
ALERT output
serviced by master
50
60
70
80
90
100
THERM2
THERM Limit
THERM Limit - Hysteresis
THERM
110
120
130
140
150
Temperature Conversion Complete
Time
Measured
Temperature
THERM2 Limit
THERM2 Limit - Hysteresis
13
TMP461-SP
www.ti.com
SBOS876A – SEPTEMBER 2017 – REVISED DECEMBER 2017
Product Folder Links: TMP461-SP
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3.5 Sensor Fault
The TMP461-SP device can sense a fault at the D+ input resulting from an incorrect diode connection. The
TMP461-SP device can also sense an open circuit. Short-circuit conditions return a value of –64°C. The
detection circuitry consists of a voltage comparator that trips when the voltage at D+ exceeds (V+) – 0.3 V
(typical). The comparator output is continuously checked during a conversion. If a fault is detected, then OPEN
(bit 2) in the status register is set to 1.
When not using the remote sensor with the TMP461-SP device, D+ must be connected to D– or GND to prevent
meaningless fault warnings.
7.3.6
ALERT and THERM Functions
Operation of the ALERT (pin 7) and THERM (pin 4) interrupts is shown in Figure 13. Operation of the THERM
(pin 4) and THERM2 (pin 7) interrupts is shown in Figure 14. The ALERT and THERM pin setting is determined
by bit 5 of the configuration register.
The hysteresis value is stored in the THERM hysteresis register and applies to both the THERM and THERM2
interrupts. The value of the CONAL[2:0] bits in the consecutive ALERT register (see Table 5) determines the
number of limit violations before the ALERT pin is tripped. The default value is 000b and corresponds to one
violation, 001b programs two consecutive violations, 011b programs three consecutive violations, and 111b
programs four consecutive violations. The CONAL[2:0] bits provide additional filtering for the ALERT pin state.
Figure 13. ALERT and THERM Interrupt Operation
Figure 14. THERM and THERM2 Interrupt Operation
7.4 Device Functional Modes
7.4.1 Shutdown Mode (SD)
The TMP461-SP shutdown mode enables the user to save maximum power by shutting down all device circuitry
other than the serial interface, and reducing current consumption to typically less than 3 μA; see Figure 10
(Shutdown Quiescent Current vs Supply Voltage). Shutdown mode is enabled when the SD bit (bit 6) of the
configuration register is high; the device shuts down after the current conversion is finished. When the SD bit is
low, the device maintains a continuous-conversion state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com