Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STWBC-EP Datasheet(PDF) 14 Page - STMicroelectronics

Part # STWBC-EP
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STWBC-EP Datasheet HTML 10Page - STMicroelectronics STWBC-EP Datasheet HTML 11Page - STMicroelectronics STWBC-EP Datasheet HTML 12Page - STMicroelectronics STWBC-EP Datasheet HTML 13Page - STMicroelectronics STWBC-EP Datasheet HTML 14Page - STMicroelectronics STWBC-EP Datasheet HTML 15Page - STMicroelectronics STWBC-EP Datasheet HTML 16Page - STMicroelectronics STWBC-EP Datasheet HTML 17Page - STMicroelectronics STWBC-EP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Electrical characteristics
STWBC-EP
14/32
DocID030747 Rev 1
6
Electrical characteristics
6.1
Parameter conditions
Unless otherwise specified, all voltages are referred to VSS. VDDA and VDD must be
connected to the same voltage value. VSS and VSSA must be connected to together with
the shortest wire loop.
6.2
Minimum and maximum values
Unless otherwise specified, the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices with the ambient temperature at TA = 25 °C and TA = TA max. (given by
the selected temperature range).
6.3
Typical values
Unless otherwise specified, typical data are based on TA = 25 °C, VDD and VDDA = 5 V. They
are given only as design guidelines and are not tested. Typical ADC accuracy values are
determined by characterization of a batch of samples from a standard diffusion lot over the
full temperature range.
6.4
Typical curves
Unless otherwise specified, all typical curves are given as design guidelines only and are
not tested.
6.5
Typical current consumption
For typical current consumption measurements, VDD and VDDA are connected together as
shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com