Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STWBC-EP Datasheet(PDF) 19 Page - STMicroelectronics

Part # STWBC-EP
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STWBC-EP Datasheet HTML 15Page - STMicroelectronics STWBC-EP Datasheet HTML 16Page - STMicroelectronics STWBC-EP Datasheet HTML 17Page - STMicroelectronics STWBC-EP Datasheet HTML 18Page - STMicroelectronics STWBC-EP Datasheet HTML 19Page - STMicroelectronics STWBC-EP Datasheet HTML 20Page - STMicroelectronics STWBC-EP Datasheet HTML 21Page - STMicroelectronics STWBC-EP Datasheet HTML 22Page - STMicroelectronics STWBC-EP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
DocID030747 Rev 1
19/32
STWBC-EP
Electrical characteristics
32
6.9.2
Memory characteristics
Flash program and memory/data EEPROM memory
General conditions: TA = -40 °C to 105 °C.
Table 8. Flash program memory/data EEPROM memory
Symbol
Parameter
Conditions
Min.(1) Typ.(1) Max. (1)
Unit
tPROG
Standard programming time
-
-
6
6.6
ms
(including erase) for byte/word/block
-
-
-
-
(1 byte/4 bytes/128 bytes)
-
-
-
-
Fast programming time for 1 block (128 bytes)
-
-
3
3.3
tERASE Erase time for 1 block (128 bytes)
-
-
3
3.3
ms
NWE
Erase/write cycles(2) (program memory)
TA = 25 °C
10 K
-
-
Cycle
s
Erase/write cycles(2) (data memory)
TA = 85 °C
100 K
-
-
TA = 105 °C
35 K
-
-
tRET
Data retention (program memory) after 10 K
erase/write cycles at TA= 25 °C
TRET = 85 °C
15
-
-
Years
Data retention (program memory) after 10 K
erase/write cycles at TA= 25 °C
TRET = 105 °C
11
-
-
Data retention (data memory) after 100 K
erase/write cycles at TA= 85 °C
TRET = 85 °C
15
-
-
Data retention (data memory) after 35 K
erase/write cycles at TA= 105 °C
TRET = 105 °C
6
-
-
IDDPRG
Supply current during program and erase
cycles
-40 ºC
 TA  105 ºC
-
2
-
mA
1. Data based on characterization results, not tested in production.
2. The physical granularity of the memory is 4 bytes, so cycling is performed on 4 bytes even when a write/erase operation
addresses a single byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com