Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VDP3108B Datasheet(PDF) 35 Page - Micronas

Part # VDP3108B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108B Datasheet(HTML) 35 Page - Micronas

Back Button VDP3108B Datasheet HTML 31Page - Micronas VDP3108B Datasheet HTML 32Page - Micronas VDP3108B Datasheet HTML 33Page - Micronas VDP3108B Datasheet HTML 34Page - Micronas VDP3108B Datasheet HTML 35Page - Micronas VDP3108B Datasheet HTML 36Page - Micronas VDP3108B Datasheet HTML 37Page - Micronas VDP3108B Datasheet HTML 38Page - Micronas VDP3108B Datasheet HTML 39Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
VDP 31xxB
PRELIMINARY DATA SHEET
35
Micronas
Name
Default
Function
Mode
Number
of bits
I2C sub
address
h’4c
9
w v
digital OSD insertion contrast for R (amplitude range: 0 to 255)
bit [3:0]
0..13
R amplitude = CLUTn · (DRCT + 4)
14,15
invalid
picture frame insertion contrast for R (ampl. range: 0 to 255)
bit [7:4]
0..13
R amplitude = PFCR · (PFRCT + 4)
14,15
invalid
8
8
DRCT
PFRCT
h’48
9
w v
digital OSD insertion contrast for G (amplitude range: 0 to 255)
bit [3:0]
0..13
G amplitude = CLUTn · (DGCT + 4)
14,15
invalid
picture frame insertion contrast for G (ampl. range: 0 to 255)
bit [7:4]
0..13
G amplitude = PFCG · (PFGCT + 4)
14,15
invalid
8
8
DGCT
PFGCT
h’44
9
w v
digital OSD insertion contrast for B (amplitude range: 0 to 255)
bit [3:0]
0..13
B amplitude = CLUTn · (DBCT + 4)
14,15
invalid
picture frame insertion contrast for B (ampl. range: 0 to 255)
bit [7:4]
0..13
B amplitude = PFCB · (PFBCT + 4)
14,15
invalid
8
8
DBCT
PFBCT
PICTURE FRAME GENERATOR
h’4F
9
w v
bit [8:0] horizontal picture frame begin
code 0 = picture frame generator horizontally disabled
code 1FF = full frame
0
PFGHB
h’53
9
w v
bit [8:0] horizontal picture frame end
0
PFGHE
h’63
9
w v
bit [8:0] vertical picture frame begin
code 0 = picture frame generator vertically disabled
270
PFGVB
h’6f
9
w v
bit [8:0] vertical picture frame end
56
PFGVE
enable and priority – see under ‘PRIORITY BUS’
picture frame color – see under ‘COLOR LOOK-UP TABLE’
SCAN VELOCITY MODULATION
h’62
9
w v
video mode coefficients
bit [5:0]
gain1
bit [8:6]
differentiator delay 1 (0= filter off, 1...6= delay)
60
4
SVG1
SVD1
h’5e
9
w v
text mode coefficients
bit [5:0]
gain 2
bit [8:6]
differentiator delay 2 (0= filter off, 1...6= delay)
60
4
SVG2
SVD2
h’5a
9
w v
limiter
bit [6:0]
limit value
bit [8:5]
not used, set to ”0”
100
0
SVLIM
h’56
9
w v
delay and coring
bit [3:0]
adjustable delay, in 1/2 display clock steps,
(value 5 : delay of SVMOUT is the same as for
RGBOUT
bit [7:4]
coring value
bit [8]
not used, set to ”0”
7
0
SVDEL
SVCOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com