Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VDP3108B Datasheet(PDF) 38 Page - Micronas

Part # VDP3108B
Description  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3108B Datasheet(HTML) 38 Page - Micronas

Back Button VDP3108B Datasheet HTML 34Page - Micronas VDP3108B Datasheet HTML 35Page - Micronas VDP3108B Datasheet HTML 36Page - Micronas VDP3108B Datasheet HTML 37Page - Micronas VDP3108B Datasheet HTML 38Page - Micronas VDP3108B Datasheet HTML 39Page - Micronas VDP3108B Datasheet HTML 40Page - Micronas VDP3108B Datasheet HTML 41Page - Micronas VDP3108B Datasheet HTML 42Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
VDP 31xxB
PRELIMINARY DATA SHEET
38
Micronas
Name
Default
Function
Mode
Number
of bits
I2C sub
address
OUTPUT PINS
h’10
8
w/r
output pin configuration
bit [2:0]
pin driver strength, MSY and CSY
7 = tristate
6 = minimum strength
0 = maximum strength
bit [4:3]
reserved (set to 0)
bit [5]
0/1
disable/enable internal resistor for
vertical and East/West drive output
bit [7:6]
function of CSY pin :
00
composite sync signal output
01
25 Hz output (field1/field2 signal)
10
no interlace (field 2), output = 0
11
1 MHz horizontal drive clock
0
PSTSY
VEWXR
CSYM
MISCELLANEOUS
h’32
8
w/r
fast blank interface mode
bit [0]
0
internal fast blank 1 from FBLIN1 pin
1
force internal fast blank 1 signal to high
bit [1]
0/1
internal fast blank active high/low
bit [2]
0/1
disable/enable clamping reference for
RGB outputs
bit [3]
1
full line MADC measurement window,
disables bit [3] in address h’25
bit [4]
0/1
horizontal flyback input active high/low
bit [6:5]
reserved (set to 0)
bit [7]
0
internal fast blank 1 from FBLIN1 pin
1
force internal fast blank 1 signal to low
0
FBMOD
FBFOH1
FBPOL
CLMPR
FLMW
FLPOL
FBFOL1
h’31
8
w/r
fast blank interface mode 2
bit [0]
0
internal fast blank 2 from FBLIN2 pin
1
force internal fast blank 2 signal to high
bit [1]
0
internal fast blank 2 from FBLIN2 pin
1
force internal fast blank 2 signal to low
bit [2]
fast blank input priority
0
FBLIN1 > FBLIN2
1
FBLIN1 < FBLIN2
bit [3]
fast blank monitor input select
0
monitor connected to FBLIN1 pin
1
monitor connected to FBLIN2 pin
bit [4]
half contrast switch enable
0
PORT0 enable / HCS disable
1
PORT0 disable / HCS enable
bit [5]
0
half contrast from HCS pin
1
force half contrast signal to high
bit [6]
0/1
half contrast active high/low at HCS pin
bit [7]
reserved (set to 0)
0
FBMOD2
FBFOH2
FBFOL2
FBPRIO
FBMON
HCSEN
HCSFOH
HCSPOL
h’34
16
w/r
IO Port
bit [6:0]
data to/from PORT[6:0]
bit [7]
front sync output at PORT1
0
PORT1 input/output enable
1
FSY output enable
bit [14:8]
port direction
0
switch PORT[bit–8] to input
1
switch PORT[bit–8] to output
bit [15]
port enable
0
COLOR[4:0] enable / PORT[6:2] disable
1
COLOR[4:0] disable / PORT[6:2] enable
0
IOPORT
IODATA
FSYOEN
IODIR
IOEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com