Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45F5Q-2 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT45F5Q-2
Description  Charger Flash MCU
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q-2 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT45F5Q-2 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F5Q-2 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 117 page
background image
Rev. 1.00
��
���� 0�� �01�
Rev. 1.00
��
���� 0�� �01�
HT45F5Q-2
Charger Flash MCU
HT45F5Q-2
Charger Flash MCU
Operational Amplifiers
ThebatterychargemodulecontainsthreeoperationalAmplifierfunctions.TheregisterOPVOSis
usedtocontroltheOPA2relatedfunctions.
OPVOS Register
Bit
7
6
5
4
3
2
1
0
Name
OOFM
—
OOF5
OOF4
OOF3
OOF�
OOF1
OOF0
R/W
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
—
1
0
0
0
0
0
Bit7
OOFM:OPA2normaloperationorinputoffsetvoltagecancellationmodeselectionbit
0:Normaloperation
1:Offsetcalibrationmode
TheinputreferencevoltagecomesfromOPA2positiveinputpinatoffsetvoltage
cancellationmode.
Bit6
Unimplemented,readas"0"
Bit5~0
OOF5~OOF0:OPA2inputoffsetvoltagecalibrationcontrolbits
Operational Amplifiers Operation
ThisisanOPA2withinputoffsetcalibrationfunction.ThecalibrateddataisstoredintheOOFbit
field.TheOOFMbitisusedtocontrolcancellationmodeselection.Theinputreferencevoltagecan
comefromOPA2Ppinincalibrationmode.TheOPA2PistheOPA2positiveinputand10xA2P
signalisOPA2analogoutputvoltage.TheOPA2digitaloutputflagisOPO,whichisusedforOPA2
calibrationmode.Finally,theOP2ENbitisusedtoenabletheOPA2function.
Offset calibration procedure
IftheOPA2functionisused,itshouldbeconfiguredastheOPA2functionbythePAS0register.
Step1:SetOOFM=1,theOPA2isnowunderoffsetcalibrationmode.Tomakesuretheinput
offsetvoltageVOSasminimizeaspossibleaftercalibration,theinputreferencevoltage
incalibrationmodeshouldbethesameasinputDCoperatingvoltageinnormalmode
operation.
Step2:SetOOF[5:0]=000000thenreadOPOflag
Step3:LetOOF=OOF+1thenreadOPOflag,iftheOPOflagstateischanged,recordthedataas
VOS1
Step4:SetOOF[5:0]=111111thenreadOPOflag.
Step5:LetOOF=OOF-1thenreadOPOflag,iftheOPOflagstateischanged;recordthedataas
VOS2
Step6:restoreVOS=(VOS1+VOS2)/2toOOFbits,thecalibrationisfinished.
If(VOS1+VOS2)/2isnotintegral,discardthedecimal.
ResidueVOS=VOUT-VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com