Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT67F5652 Datasheet(PDF) 84 Page - Holtek Semiconductor Inc

Part # HT67F5652
Description  24-Bit Delta Sigma A/D LCD Flash MCU
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F5652 Datasheet(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT67F5652 Datasheet HTML 80Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 81Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 82Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 83Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 84Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 85Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 86Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 87Page - Holtek Semiconductor Inc HT67F5652 Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 224 page
background image
Rev. 1.00
84
De�e��e� 0�� �01�
Rev. 1.00
85
De�e��e� 0�� �01�
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
HT67F5652
24-Bit Delta Sigma A/D + LCD Flash MCU
• TMnAL Register (n=0)
Bit
7
6
5
4
3
2
1
0
Na�e
D�
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:TMnCCRALowByteRegisterbit7~bit0
TMn10-bitCCRAbit7~bit0
• TMnAH Register (n=0)
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit7~2
Unimplemented,readas"0"
Bit1~0
D9~D8:TMnCCRAHighByteRegisterbit1~bit0
TMn10-bitCCRAbit9~bit8
Compact Type TM Operating Modes
TheCompactTypeTMcanoperateinoneofthreeoperatingmodes,CompareMatchOutputMode,
PWMOutputModeorTimer/CounterMode.TheoperatingmodeisselectedusingtheTnM1and
TnM0bitsintheTMnC1register.
Compare Match Output Mode
Toselectthismode,bitsTnM1andTnM0intheTMnC1register,shouldbesetto00respectively.
Inthismodeoncethecounterisenabledandrunningitcanbeclearedbythreemethods.Theseare
acounteroverflow,acomparematchfromComparatorAandacomparematchfromComparatorP.
WhentheTnCCLRbitislow,therearetwowaysinwhichthecountercanbecleared.Oneiswhen
acomparematchoccursfromComparatorP,theotheriswhentheCCRPbitsareallzerowhich
allowsthecountertooverflow.HerebothTnAFandTnPFinterruptrequestflagsfortheComparator
AandComparatorPrespectively,willbothbegenerated.
IftheTnCCLRbitintheTMnC1registerishighthenthecounterwillbeclearedwhenacompare
matchoccursfromComparatorA.However,hereonlytheTnAFinterruptrequestflagwillbe
generatedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Thereforewhen
TnCCLRishighnoTnPFinterruptrequestflagwillbegenerated.
IftheCCRAbitsareallzero,thecounterwilloverflowwhenitreachesitsmaximum10-bit,3FF
Hex,value,howeverheretheTnAFinterruptrequestflagwillnotbegenerated.
Asthenameofthemodesuggests,afteracomparisonismade,theTMoutputpinwillchange
state.TheTMoutputpinconditionhoweveronlychangesstatewhenaTnAFinterruptrequestflag
isgeneratedafteracomparematchoccursfromComparatorA.TheTnPFinterruptrequestflag,
generatedfromacomparematchoccursfromComparatorP,willhavenoeffectontheTMoutput
pin.ThewayinwhichtheTMoutputpinchangesstatearedeterminedbytheconditionofthe
TnIO1andTnIO0bitsintheTMnC1register.TheTMoutputpincanbeselectedusingtheTnIO1
andTnIO0bitstogohigh,togolowortotogglefromitspresentconditionwhenacomparematch
occursfromComparatorA.TheinitialconditionoftheTMoutputpin,whichissetupafterthe
TnONbitchangesfromlowtohigh,issetupusingtheTnOCbit.NotethatiftheTnIO1andTnIO0
bitsarezerothennopinchangewilltakeplace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com