Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/ML Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC18F4539-E/ML
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/ML Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC18F4539-E/ML Datasheet HTML 183Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 184Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 185Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 186Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 187Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 188Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 189Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 190Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 185
PIC18FXX39
To
calculate
the
minimum
acquisition
time,
Equation 18-1 may be used. This equation assumes
that 1/2 LSb error is used (1024 steps for the A/D). The
1/2 LSb error is the maximum error allowed for the A/D
to meet its specified resolution.
EQUATION 18-1:
ACQUISITION TIME
EQUATION 18-2:
A/D MINIMUM CHARGING TIME
Example 18-1 shows the calculation of the minimum
required acquisition time, TACQ. This calculation is
based
on
the
following
application
system
assumptions:
•CHOLD
=
120 pF
•Rs
=
2.5 k
Ω
• Conversion Error
≤
1/2 LSb
•VDD
=
5V
→ Rss = 7 kΩ
• Temperature
=
50
°C (system max.)
•VHOLD
=
0V @ time = 0
EXAMPLE 18-1:
CALCULATING THE MINIMUM REQUIRED ACQUISITION TIME
TACQ
=
Amplifier Settling Time + Holding Capacitor Charging Time + Temperature Coefficient
=TAMP + TC + TCOFF
VHOLD =
(VREF – (VREF/2048)) • (1 – e(-Tc/CHOLD(RIC + RSS + RS)))
or
TC
=
-(120 pF)(1 k
Ω + RSS + RS) ln(1/2048)
TACQ =TAMP + TC + TCOFF
Temperature coefficient is only required for temperatures > 25
°C.
TACQ =2
µs + TC + [(Temp – 25°C)(0.05 µs/°C)]
TC
=-CHOLD (RIC + RSS + RS) ln(1/2048)
-120 pF (1 k
Ω + 7 kΩ + 2.5 kΩ) ln(0.0004883)
-120 pF (10.5 k
Ω) ln(0.0004883)
-1.26
µs (-7.6246)
9.61
µs
TACQ =2
µs + 9.61 µs + [(50°C – 25°C)(0.05 µs/°C)]
11.61
µs + 1.25 µs
12.86
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com