Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/ML Datasheet(PDF) 191 Page - Microchip Technology

Part # PIC18F4539-E/ML
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/ML Datasheet(HTML) 191 Page - Microchip Technology

Back Button PIC18F4539-E/ML Datasheet HTML 187Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 188Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 189Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 190Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 191Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 192Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 193Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 194Page - Microchip Technology PIC18F4539-E/ML Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 189
PIC18FXX39
19.0 LOW VOLTAGE DETECT
In many applications, the ability to determine if the
device voltage (VDD) is below a specified voltage level
is a desirable feature. A window of operation for the
application can be created, where the application soft-
ware can do “housekeeping tasks” before the device
voltage exits the valid operating range. This can be
done using the Low Voltage Detect module.
This module is a software programmable circuitry,
where a device voltage trip point can be specified.
When the voltage of the device becomes lower then the
specified point, an interrupt flag is set. If the interrupt is
enabled, the program execution will branch to the inter-
rupt vector address and the software can then respond
to that interrupt source.
The Low Voltage Detect circuitry is completely under
software control. This allows the circuitry to be “turned
off” by the software, which minimizes the current
consumption for the device.
Figure 19-1 shows a possible application voltage curve
(typically for batteries). Over time, the device voltage
decreases. When the device voltage equals voltage VA,
the LVD logic generates an interrupt. This occurs at
time TA. The application software then has the time,
until the device voltage is no longer in valid operating
range, to shutdown the system. Voltage point VB is the
minimum valid operating voltage specification. This
occurs at time TB. The difference TB – TA is the total
time for shutdown.
FIGURE 19-1:
TYPICAL LOW VOLTAGE DETECT APPLICATION
The block diagram for the LVD module is shown in
Figure 19-2. A comparator uses an internally gener-
ated reference voltage as the set point. When the
selected tap output of the device voltage crosses the
set point (is lower than), the LVDIF bit is set.
Each node in the resistor divider represents a “trip
point” voltage. The “trip point” voltage is the minimum
supply voltage level at which the device can operate
before the LVD module asserts an interrupt. When the
supply voltage is equal to the trip point, the voltage
tapped off of the resistor array is equal to the 1.2V
internal reference voltage generated by the voltage
reference module. The comparator then generates an
interrupt signal setting the LVDIF bit. This voltage is
software programmable to any one of 16 values (see
Figure 19-2).
The
trip
point
is
selected
by
programming the LVDL3:LVDL0 bits (LVDCON<3:0>).
Time
VA
VB
TA
TB
VA = LVD trip point
VB = Minimum valid device
operating voltage
Legend:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com